Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV82X8 Datasheet(PDF) 124 Page - STMicroelectronics

Part # STV82X8
Description  Digital Audio Decoder / Processor for BTSC Television/Video Recorders
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X8 Datasheet(HTML) 124 Page - STMicroelectronics

Back Button STV82X8 Datasheet HTML 120Page - STMicroelectronics STV82X8 Datasheet HTML 121Page - STMicroelectronics STV82X8 Datasheet HTML 122Page - STMicroelectronics STV82X8 Datasheet HTML 123Page - STMicroelectronics STV82X8 Datasheet HTML 124Page - STMicroelectronics STV82X8 Datasheet HTML 125Page - STMicroelectronics STV82X8 Datasheet HTML 126Page - STMicroelectronics STV82X8 Datasheet HTML 127Page - STMicroelectronics STV82X8 Datasheet HTML 128Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 157 page
background image
Register List
STV82x8
124/157
12.16 Beeper
BEEPER_ON
Set Beeper On
Note:
if BEEPER_SOUND_SELECT = 0 and BEEPER_CONTINUOUS(reg 0xF3) is set to 1, the
BEEPER_ON needs to be set to 0 to stop the beeper sound ; otherwise, the beeper is stopped
automaticaly.
SCART2_D_MUTE
1
Digital Soft Mute for SCART2 output:
0:
Soft Mute not active
1:
Soft Mute active
SCART1_D_MUTE
1
Digital Soft Mute for SCART1 output:
0:
Soft Mute not active
1:
Soft Mute active
SRND_D_MUTE
1
Digital Soft Mute for SURROUND output:
0:
Soft Mute not active
1:
Soft Mute active
SUB_D_MUTE
1
Digital Soft Mute for SUBWOOFER output:
0:
Soft Mute not active
1:
Soft Mute active
C_D_MUTE
1
Digital Soft Mute for CENTER output:
0:
Soft Mute not active
1:
Soft Mute active
LS_D_MUTE
1
Digital Soft Mute for LOUDSPEAKER output:
0:
Soft Mute not active
1:
Soft Mute active
Address: F2h
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
00
000
BEEPER_SOUND_SELECT[
1:0]
BEEPER_ON
Bit Name
Reset
Function
Bits[7:3]
00000
Reserved.
BEEPER_SOUND_
SELECT[1:0]
00
Select the kind of sound generated by the beeper when BEEPER_ON is set to 1:
00: Square Wave Signal. Frequency and Decay can be set in Register 0xf4.
01: Wood Block Natural Sound
10: Clic Natural Sound
11: Bleep Natural Sound.
BEEPER_ON
0
Control Beeper Sound Start/Stop:
0:
Start Beeper
1:
Stop Beeper
Bit Name
Reset
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com