Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV82X8 Datasheet(PDF) 125 Page - STMicroelectronics

Part # STV82X8
Description  Digital Audio Decoder / Processor for BTSC Television/Video Recorders
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X8 Datasheet(HTML) 125 Page - STMicroelectronics

Back Button STV82X8 Datasheet HTML 121Page - STMicroelectronics STV82X8 Datasheet HTML 122Page - STMicroelectronics STV82X8 Datasheet HTML 123Page - STMicroelectronics STV82X8 Datasheet HTML 124Page - STMicroelectronics STV82X8 Datasheet HTML 125Page - STMicroelectronics STV82X8 Datasheet HTML 126Page - STMicroelectronics STV82X8 Datasheet HTML 127Page - STMicroelectronics STV82X8 Datasheet HTML 128Page - STMicroelectronics STV82X8 Datasheet HTML 129Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 157 page
background image
125/157
STV82x8
Register List
On beeper STOP, the register 0xF2 is reset to 0. Take care to set bit[2:1] on each BEEPER_ON
action.
BEEPER_MODE
Beeper Control
BEEPER_FREQ_VOL
Beeper Frequency and Volume Settings
Address: F3h
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
BEEPER_DECAY[2:0]
BEEPER_DURATION[1:0]
BEEPER_CO
NTINUOUS
BEEPER_PATH
Bit Name
Reset
Function
BEEPER_DECAY [
2:0]
000
Control the decay of the envelope of the Beeper sound:
000:
Short Decay (sounds dry)
...
111:
Very Long Decay (sounds wet)
BEEPER_DURATIO
N [1:0]
00
Define Beeper Duration when BEEPER_CONTINUOUS is set to 0:
00: 0.1 sec.
01: 0.25 sec.
10: 0.5 sec.
11: 1 sec.
BEEPER_CONTIN
UOUS
0
Set Beeper Pulse Mode
0:
Pulse mode selected, the BEEPER_ON is automaticaly reset to 0.
1:
Continuous mode selected, the BEEPER_ON must be set to 0 to stop the beeper sound.
BEEPER_PATH [
1:0]
11
Set the output channels when beeper is active
00: no channels.
01: Loudspeakers only.
10: Headphone only.
11: Loudspeakers and Headphone selected.
Address: F4h
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
BEEP_FREQ[2:0]
BEEP_VOL[4:0]
Bit Name
Reset
Function
BEEP_FREQ[2:0]
011
Defines the frequency of the beeper tone from 62.5 Hz to 8 kHz in octaves
000:
62.5 Hz
100:
1 kHz
001:
125 Hz
101:
2 kHz
010:
250 Hz
110:
4 kHz
011:
500 Hz (Default)
111:
8 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com