Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV82X8 Datasheet(PDF) 126 Page - STMicroelectronics

Part # STV82X8
Description  Digital Audio Decoder / Processor for BTSC Television/Video Recorders
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X8 Datasheet(HTML) 126 Page - STMicroelectronics

Back Button STV82X8 Datasheet HTML 122Page - STMicroelectronics STV82X8 Datasheet HTML 123Page - STMicroelectronics STV82X8 Datasheet HTML 124Page - STMicroelectronics STV82X8 Datasheet HTML 125Page - STMicroelectronics STV82X8 Datasheet HTML 126Page - STMicroelectronics STV82X8 Datasheet HTML 127Page - STMicroelectronics STV82X8 Datasheet HTML 128Page - STMicroelectronics STV82X8 Datasheet HTML 129Page - STMicroelectronics STV82X8 Datasheet HTML 130Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 157 page
background image
Register List
STV82x8
126/157
12.17 SPDIF Output Configuration
SPDIF_OUT_CHANNEL_STATUS
12.18 Headphone Configuration
HEADPHONE_CONFIG
Headphone Configuration
BEEP_VOL[4:0]
10000
Defines the Beeper volume from 0 to -93 dB in steps of 3 dB.
11111: 0 dB (1 VRMS)...
11110: -3 dB
00011: -84 dB
11101: -6 dB
00010: -87 dB
...
00001: -90 dB
10000: -48 dB (Default)
00000: -93 dB
Address: F5h
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
00
000
SPDIF_COPY
RIGHT
SPDIF_NO_PC
M
SPDIF_CONS
UMER_PRO
Bit Name
Reset
Function
Bits[7:3]
00000
Reserved.
SPDIF_COPYRIGH
T
0
0:
Copyright
1:
No Copyright
SPDIF_NO_PCM
00:
PCM Format
1:
No PCM Format
SPDIF_CONSUME
R_PRO
0
0:
Consumer Format
1:
Professional Format
Address: F6h
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
KARAOKE_MI
X
SCART2_OUT_SELECT[1:0]
HP_FORCE
HP_LS_MUTE
HP_DET_ACTI
VE
HP_DETECTE
D
Bit Name
Reset
Function
Bits [7]
0
Reserved.
KARAOKE_MIX
0
When set, mix the HP channel signal with the LS channel signal. The mixed signal is output on the
LS channel.
Bit Name
Reset
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com