Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV82X8 Datasheet(PDF) 127 Page - STMicroelectronics

Part # STV82X8
Description  Digital Audio Decoder / Processor for BTSC Television/Video Recorders
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X8 Datasheet(HTML) 127 Page - STMicroelectronics

Back Button STV82X8 Datasheet HTML 123Page - STMicroelectronics STV82X8 Datasheet HTML 124Page - STMicroelectronics STV82X8 Datasheet HTML 125Page - STMicroelectronics STV82X8 Datasheet HTML 126Page - STMicroelectronics STV82X8 Datasheet HTML 127Page - STMicroelectronics STV82X8 Datasheet HTML 128Page - STMicroelectronics STV82X8 Datasheet HTML 129Page - STMicroelectronics STV82X8 Datasheet HTML 130Page - STMicroelectronics STV82X8 Datasheet HTML 131Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 157 page
background image
127/157
STV82x8
Register List
12.19 DAC Control
DAC_CONTROL
DAC Control Register
SCART2_OUT_SE
LECT[1:0]
00
Select SCART2 output:
00: SCART2 not output
01: SCART2 signal output on C/Sub DAC
10: SCART2 signal output on Srnd/HP DAC
11: not used
HP_FORCE
0
1:
force to output the HP signal (bypass surround)
Note: when HP is forced, IRQ5 and HP/Srnd DAC automatic mute are not active.
HP_LS_MUTE
0
0:
when HP is detected and active, LS are not muted
1:
when HP is detected and active, LS are muted
HP_DET_ACTIVE
1
0:
HP detection is not active
1:
HP detection is active, when HP detected, Surround signal is bypassed and HP signal is
outputed on HP
HP_DETECTED
0
1:
When a signal is detected on HP_DET pin
Address: F7h
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
0
SPDIF_MUX
DAC_SCART_
MUTE
DAC_SHP_MU
TE
DAC_CSUB_M
UTE
DAC_LSLR_M
UTE
POWER_UP
Bit Name
Reset
Function
Bits [7:6]
00
Reserved.
SPDIF_MUX
0
Redirect external or internal source i2s to i2s output :
0:
Internal I²S
1:
External I²S
DAC_SCART_MUT
E
1
SCART Left/Right Analog Soft Mute
0:
Soft Mute not active
1:
Soft Mute active
DAC_SHP_MUTE
1
Surround/HP Left/Right Analog Soft Mute
0:
Soft Mute not active
1:
Soft Mute active
DAC_CSUB_MUTE
1
Center/Subwoofer Analog Soft Mute
0:
Soft Mute not active
1:
Soft Mute active
DAC_LSLR_MUTE
1
LS Left/Right Analog Soft Mute
0:
Soft Mute not active
1:
Soft Mute active
POWER_UP
1
0:
DACs Power OFF
1:
Power ON
Bit Name
Reset
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com