Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R95 Datasheet(PDF) 44 Page - STMicroelectronics

Part # ST25R95
Description  Near field communication transceiver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R95 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button ST25R95 Datasheet HTML 40Page - STMicroelectronics ST25R95 Datasheet HTML 41Page - STMicroelectronics ST25R95 Datasheet HTML 42Page - STMicroelectronics ST25R95 Datasheet HTML 43Page - STMicroelectronics ST25R95 Datasheet HTML 44Page - STMicroelectronics ST25R95 Datasheet HTML 45Page - STMicroelectronics ST25R95 Datasheet HTML 46Page - STMicroelectronics ST25R95 Datasheet HTML 47Page - STMicroelectronics ST25R95 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 61 page
background image
6
Electrical characteristics
6.1
Absolute maximum ratings
Table 44. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VPS_Main
Supply voltage (1)
–0.3 to 7.0
V
VPS_TX
Supply voltage (RF drivers)
–0.3 to 7.0
V
VIO
Input or output voltage relative to ground
–0.3 to VPS_Main +0.3
V
VMaxCarrier Maximum input voltage (pins RX1 and RX2)
±14.0
V
TA
Ambient operating temperature
–25 to +85
°C
Ambient operating temperature (RF mode)
–25 to +85
TSTG
Storage temperature (Please also refer to package specification).
–65 to +150
°C
TLEAD
Lead temperature during soldering
See note (2)
°C
VESD
Electrostatic discharge voltage according to JESD22-A114, Human Body Model
2000
V
PTOT (3)
Total power dissipation per package
1
W
1. To properly reset the device, VPS_Main must be tied to 0V before executing the start-up sequence.
2. Compliant with JEDEC standard J-STD-020D (for small-body, Sn-Pb or Pb assembly), the ST ECOPACK®
7191395 specification, and the European directive on Restrictions on Hazardous Substances (RoHS
directive 2011/65/EU of July 2011).
3. Depending on the thermal resistance of package.
Note:
Stresses listed above may cause permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in the operational sections of the
specification is not implied.
Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
6.2
DC characteristics
Table 45. DC characteristics
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
VPS_Main
Supply voltage
-
2.7
3.0
5.5
V
VPS_TX
Supply voltage (RF drivers)
-
2.7
3.0
5.5
V
VIL
Input low voltage (I/Os)
-
0
-
0.2 x VPS_Main
V
VIH
Input high voltage (I/Os)
-
0.7 x VPS_Main
-
VPS_Main
V
VOH
Output high voltage (I/Os)
IOH = - 8 µA
0.7 x VPS_Main
-
VPS_Main
V
VOL
Output low voltage (I/Os)
IOLMAX = 500 µA
0
-
0.15 x VPS_Main
V
POR
Power-on reset voltage
-
-
1.8
-
V
ST25R95
Electrical characteristics
DS12807 - Rev 4
page 44/61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com