Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R95 Datasheet(PDF) 36 Page - STMicroelectronics

Part # ST25R95
Description  Near field communication transceiver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R95 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button ST25R95 Datasheet HTML 32Page - STMicroelectronics ST25R95 Datasheet HTML 33Page - STMicroelectronics ST25R95 Datasheet HTML 34Page - STMicroelectronics ST25R95 Datasheet HTML 35Page - STMicroelectronics ST25R95 Datasheet HTML 36Page - STMicroelectronics ST25R95 Datasheet HTML 37Page - STMicroelectronics ST25R95 Datasheet HTML 38Page - STMicroelectronics ST25R95 Datasheet HTML 39Page - STMicroelectronics ST25R95 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 61 page
background image
Load modulation index and demodulator sensitivity parameters for card emulation mode
The default value of these parameters (Table 35. ARC_B default code for available reader protocols) is set by the
ProtocolSelect command, but they can be overwritten using the Write Register (WrReg) command (0x09).
Table 33. Possible load modulation index values and Table 34. Possible demodulator sensitivity values list
possible values for the load modulation index and Demodulator Sensitivity parameters respectively.
This new configuration is valid until a new ProtocolSelect or Write Register (of register ACC_A) command is
executed. Register values are cleared at power off.
Table 30. WrReg command description (Load modulation index and demodulator sensitivity)
Direction
Data
Comments
Example
Host to
ST25R95
0x09
Command code
>>>0x0903680004
Set Analog Register Index to 0x04 (ACC_A) (1)
>>>0x090468010425
Update ACC_A to 0x25
0x03 or
0x04
Length of data
0x68
Analog Register Configuration address index
0x00 or
0x01
Flag Increment address or not after Write
command
0x04
Index pointing to the Demodulator Sensitivity
and Load Modulation values in ACC_A
register (0x04) (see )Section 5.11.1 Improving
RF performance
0xXX
New value for Demodulator Sensitivity and
Load Modulation
(see )Section 5.11.1 Improving RF
performance
ST25R95 to
Host
0x00
Result code
<<<0x0000
Register written
0x00
Length of data (=
RegCount)
1. This command must be executed before reading the ACC_A register (
0x0903680004).
ST25R95
Write Register (WrReg) command (0x09) description
DS12807 - Rev 4
page 36/61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com