Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R95 Datasheet(PDF) 34 Page - STMicroelectronics

Part # ST25R95
Description  Near field communication transceiver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R95 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button ST25R95 Datasheet HTML 30Page - STMicroelectronics ST25R95 Datasheet HTML 31Page - STMicroelectronics ST25R95 Datasheet HTML 32Page - STMicroelectronics ST25R95 Datasheet HTML 33Page - STMicroelectronics ST25R95 Datasheet HTML 34Page - STMicroelectronics ST25R95 Datasheet HTML 35Page - STMicroelectronics ST25R95 Datasheet HTML 36Page - STMicroelectronics ST25R95 Datasheet HTML 37Page - STMicroelectronics ST25R95 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 61 page
background image
This value is then compared to the reference value established during the tag detection calibration process. This
enables the ST25R95 to decide if a tag has entered its operating volume.
The reference value (DacDataRef) is established during a tag detection calibration process using the ST25R95
application setting with no tag in its environment.
The calibration process consists in executing a tag detection sequence using a well-known configuration, with no
tag within the antenna RF operating volume, to determine a specific reference value (DacDataRef) that will be
reused by the host to define the tag detection parameters (DacDataL and DacDataH).
During the calibration process, DacDataL is forced to 0x00 and the software successively varies the DacDataH
value from its maximum value (0xFE) to it minimum value (0x00). At the end of the calibration process,
DacDataRef will correspond to the value of DacDataH for which the wake-up event switches from Timeout (no tag
in the RF field) to tag detected.
To avoid too much sensitivity of the tag detection process, it is recommended to use of a guard band. This value
corresponds to two DAC steps (0x08).
Recommended guard band value:
DacDataL = DacDataRef – Guard and DacDataH = DacDataRef + Guard
The parameters used to define the tag detection calibration sequence (clocking, set-up time, burst duration, etc.)
must be the same as those used for the future tag detection sequences.
When executing a tag detection sequence, the ST25R95 compares the DAC data register value to th DAC Data
parameter values (DacDataL and DacDataH) included in the Idle command. The ST25R95 will exit WFE mode
through a Tag detection event if the DAC data register value is greater than the DAC Data parameter high value
(DacDataH) or less than the DAC Data parameter low value (DacDataL). Otherwise, it will return to Ready state
after a Timeout.
An example of a basic Idle command used during the Tag detection Calibration process:
>>>0x07 0E 03 A1 00 F8 01 18 00 20 60 60 00 xx 3F 01
where xx is the DacDataH value.
5.10
Read Register (RdReg) command (0x08) description
This command is used to read the ACC_A, ARC_B, or Wakeup register.
Table 28. RdReg command description
Direction
Data
Comments
Example
Host to ST25R95
0x08
Command code
Ex 1. >>>
0x080369690100 (1)
Reads the ACC_A or ARC_B register.
Ex 2. >>>
0x0803620100
Reads the wakeup event register.
0x03
Length of data
0x62 or 0x69 Register address
0x01
Register size
0x00
ST Reserved
ST25R95 to Host
0x00
Result code
Ex 1. >>>
0x000113 (ARC_B register)
Depth = 1, Gain = 3. See Write
Register description for more information on received data.
Ex 2. >>>
0x000101 Wakeup by timeout
Ex 3. >>>
0x000102 Wakeup by tag detect
<Len>
Length of data (= RegCount)
<RegData>
Register data
ST25R95 to Host
0x82
Error code
<<<0x8200 Invalid command length
0x00
Length of data
1. This command must be preceded by the setting of the ACC_A register index (
0x0903680004) or by setting the ARC_B
register index (
0x0903680001).
Note:
The Management of the analog register configuration register (ACC_A or ARC_B) is described in
Section 5.11 Write Register (WrReg) command (0x09) description.
ST25R95
Read Register (RdReg) command (0x08) description
DS12807 - Rev 4
page 34/61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com