Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R95 Datasheet(PDF) 39 Page - STMicroelectronics

Part # ST25R95
Description  Near field communication transceiver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R95 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button ST25R95 Datasheet HTML 35Page - STMicroelectronics ST25R95 Datasheet HTML 36Page - STMicroelectronics ST25R95 Datasheet HTML 37Page - STMicroelectronics ST25R95 Datasheet HTML 38Page - STMicroelectronics ST25R95 Datasheet HTML 39Page - STMicroelectronics ST25R95 Datasheet HTML 40Page - STMicroelectronics ST25R95 Datasheet HTML 41Page - STMicroelectronics ST25R95 Datasheet HTML 42Page - STMicroelectronics ST25R95 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 61 page
background image
Default code per protocol
Table 35. ARC_B default code for available reader protocols
Communication protocol
Default value
Possible modulation index
values (MS nibble)
Possible receiver gain values (LS nibble)
ISO/IEC 14443 Type A reader 0xDF
0xD
0x0, 0x1, 0x3, 0x7 or 0xF
ISO/IEC 14443 Type B reader 0x20
0x1, 0x2, 0x3 or 0x4
0x0, 0x1, 0x3, 0x7 or 0xF
FeliCa™ reader
0x50
0x1, 0x2, 0x3 or 0x4
0x0, 0x1, 0x3, 0x7 or 0xF
ISO/IEC 15693 reader 10%
0x53
0x4, 0x5 or 0x6
0x0, 0x1, 0x3, 0x7 or 0xF
ISO/IEC 15693 reader 100%
0xD3
0xD
0x0, 0x1, 0x3, 0x7 or 0xF
Table 36. ACC_A default code for available card emulation protocols
Communication protocol
Default
value
Recommended values
for ST25R95
demonstration board
Possible
Demodulator
sensitivity values
(MS nibble)
Possible load modulation
index values (LS nibble)
ISO/IEC 14443 Type A
0x27
0x27
0x2
From 0x1 to 0xF
5.11.2
Improving frame reception for ISO/IEC 14443 Type A tags
To improve ST25R95 demodulation when communicating with ISO/IEC 14443 Type A tags, it is possible to adjust
the synchronization between digital and analog inputs by fine-tuning the Timer Window (TimerW) value. This can
be done using the Write Register (WrReg) command to set a new TimerW value (min. 0x50, max. 0x60). The
recommended value is 0x56 or 0x58 when using the ST25R95 demo board.
The default value of this parameter (0x52) is set by the ProtocolSelect command, but it can be overwritten using
the WrReg command (0x09).
Table 37. WrReg command description (Timer Window)
Direction
Data
Comments
Example
Host to ST25R95
0x09
Command code
>>>
0x09043A005804
Set recommended TimerW value.
0x03 or 0x04 Length of data
0x3A
Timer Window (TimerW) value
0x00 or 0x01 Flag Increment address or not after Write command
0xXX
Set TimerW value (recommended value is 0x56 or
0x58)
0x04
TimerW value confirmation
ST25R95 to Host
0x00
Result code
<<<0x0000
Register written
0x00
Length of data
ST25R95
Write Register (WrReg) command (0x09) description
DS12807 - Rev 4
page 39/61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com