Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R95 Datasheet(PDF) 16 Page - STMicroelectronics

Part # ST25R95
Description  Near field communication transceiver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R95 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button ST25R95 Datasheet HTML 12Page - STMicroelectronics ST25R95 Datasheet HTML 13Page - STMicroelectronics ST25R95 Datasheet HTML 14Page - STMicroelectronics ST25R95 Datasheet HTML 15Page - STMicroelectronics ST25R95 Datasheet HTML 16Page - STMicroelectronics ST25R95 Datasheet HTML 17Page - STMicroelectronics ST25R95 Datasheet HTML 18Page - STMicroelectronics ST25R95 Datasheet HTML 19Page - STMicroelectronics ST25R95 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 61 page
background image
Protocol
Code
Parameters
Examples of commands
Byte
Bit
Function
ISO/IEC 14443 Type B
NFC Forum Tag Type
4B
0x03
0
7:6
Transmition data rate
00: 106 Kbps
01: 212 Kbps
10: 424 Kbps
11: 428 Kbps
>>>0x02020301:
ISO/IEC 14443 Type B tag with CRC
appended
5:4
Reception data rate
00: 106 Kbps
01: 212 Kbps
10: 424 Kbps
11: 848 Kbps
3:1
RFU
0
0: no CRC appended
1: automatically append CRC
1
7:0
PP
(0x00 - 0x0E, other values RFU) When
there is PP, MM must also be provided.
These 9 bytes are optional. Default
value of PP:MM:DD is 0 and
corresponds to FWT ~302µs.
FWT = (2^PP)*(MM+1)*(DD+128)*
32/13.56 µs
2
7:0
MM
3
7:0
DD (0x00 - 0x7F, other values RFU)
5:4
7:0
TTTT (Optional)
TR0 = TTTT/FC (LSB first),
default 1023 = 0x3FF
6
7:0
YY (Optional)
PCD Min TR1 (Min_TR1 = 8 * XX / fS),
default = 0
7
7:0
ZZ (Optional)
PCD Max TR1 (Max_TR1 = 8 * ZZ / fS),
default = 26 = 0x1A
ST25R95
Protocol select command (0x02) description
DS12807 - Rev 4
page 16/61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com