Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R95 Datasheet(PDF) 46 Page - STMicroelectronics

Part # ST25R95
Description  Near field communication transceiver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R95 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button ST25R95 Datasheet HTML 42Page - STMicroelectronics ST25R95 Datasheet HTML 43Page - STMicroelectronics ST25R95 Datasheet HTML 44Page - STMicroelectronics ST25R95 Datasheet HTML 45Page - STMicroelectronics ST25R95 Datasheet HTML 46Page - STMicroelectronics ST25R95 Datasheet HTML 47Page - STMicroelectronics ST25R95 Datasheet HTML 48Page - STMicroelectronics ST25R95 Datasheet HTML 49Page - STMicroelectronics ST25R95 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 61 page
background image
6.4
SPI characteristics
The ST25R95 supports (CPOL = 0, CPHA = 0) and (CPOL = 1, CPHA = 1) modes.
Table 49. SPI interface characteristics
Symbol
Parameter
Condition
Min.
Max.
Unit
fSCK
1/ tc(SCK)
SPI clock frequency
-
-
2.0
MHz
VIL
Input low voltage
-
-
0.3 x VPS
V
VIH
Input high voltage
-
0.7 x VPS
-
VOL
Output low voltage
-
0.4 x VPS
VOH
Output high voltage
-
0.7 x VPS
-
tSU(NSS) (1)
NSS setup time
-
70
-
ns
th(NSS) (1)
NSS hold time
-
0
-
tCH(SCKL) (1)
Clock low time
-
200
-
ns
tCH(SCKH) (1) Clock high time
-
200
-
tSU(SI) (1)
Data slave Input setup time
-
20
-
ns
th(SI) (1)
Data slave Input hold time
-
80
-
tv(SO) (1)
Data slave output valid time
-
-
80
ns
th(SO) (1)
Data slave output hold time
After enable edge
0
-
Cb_SPI_IN
Capacitive load for input pins NSS, CLK, MOSI
-
-
3
pF
Cb_SPI_OUT
Capacitive load for input pins MOSI
-
-
20
pF
1. Values based on design simulation and/or characterization results, and not on tested in production.
Figure 12. SPI timing diagram (Slave mode and CPOL = 0, CPHA = 0)
NSS input
tSU(NSS)
tc(SCK)
th(NSS)
tV(SO)
th(SO)
tsu(SI)
th(SI)
CPOL = 0
CPHA = 0
tCH(SCKH)
tCH(SCKL)
MSB out
MSB in
Bit 6 out
Bit 1 in
LSB out
LSB in
MISO
MOSI
ST25R95
SPI characteristics
DS12807 - Rev 4
page 46/61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com