Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R95 Datasheet(PDF) 27 Page - STMicroelectronics

Part # ST25R95
Description  Near field communication transceiver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R95 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button ST25R95 Datasheet HTML 23Page - STMicroelectronics ST25R95 Datasheet HTML 24Page - STMicroelectronics ST25R95 Datasheet HTML 25Page - STMicroelectronics ST25R95 Datasheet HTML 26Page - STMicroelectronics ST25R95 Datasheet HTML 27Page - STMicroelectronics ST25R95 Datasheet HTML 28Page - STMicroelectronics ST25R95 Datasheet HTML 29Page - STMicroelectronics ST25R95 Datasheet HTML 30Page - STMicroelectronics ST25R95 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 61 page
background image
5.8
Send command (0x06) description
This command immediately sends data to the reader using the Load Modulation method without waiting for a
reply.
Before sending this command, the application must select a communication protocol.
Table 22. Send command description
Direction
Data
Comments
Example
Host to ST25R95
06
Command code
>>>0x0x0603040008 : Response in ISO/IEC 14443 type A card
emulation
<Len>
Length of data
<Data>
Data and additional
parameter to be sent
ST25R95 to Host
00
Result code
<<<0x0000
Data was successfully sent
00
Length of data
ST25R95 to Host
82
Error code
<<<0x8200 Invalid length (for example, Length=0 where it is not
possible)
00
Length of data
ST25R95 to Host
83
Error code
<<<0x8300 Invalid protocol previously selected by Select Protocol
command
00
Length of data
Table 23. Format of data to be sent using Send command
Protocol
Explanation
Response example
Comments
ISO/IEC-14443
Type A
Send example
06
03
0400
08
>>>0x0603040008
Command code
Length of entire data field
Data
Parameter:
7:6: RFU
5: Append CRC
4: RFU
3:0: Number of significant bits in first byte
ST25R95
Send command (0x06) description
DS12807 - Rev 4
page 27/61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com