Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R95 Datasheet(PDF) 49 Page - STMicroelectronics

Part # ST25R95
Description  Near field communication transceiver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R95 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button ST25R95 Datasheet HTML 45Page - STMicroelectronics ST25R95 Datasheet HTML 46Page - STMicroelectronics ST25R95 Datasheet HTML 47Page - STMicroelectronics ST25R95 Datasheet HTML 48Page - STMicroelectronics ST25R95 Datasheet HTML 49Page - STMicroelectronics ST25R95 Datasheet HTML 50Page - STMicroelectronics ST25R95 Datasheet HTML 51Page - STMicroelectronics ST25R95 Datasheet HTML 52Page - STMicroelectronics ST25R95 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 61 page
background image
6.6
Oscillator characteristics
The external crystal used for this product is a 27.12 MHz crystal with an accuracy of ± 14 kHz.
Table 53. HFO 27.12 MHz oscillator characteristics
Symbol
Parameter
Conditions(1)(2) Min. Typ. Max. Unit
fXTAL
Oscillator frequency
-
-
27.12
-
MHz
RF
Feedback resistor
-
-
2
-
C
Recommended load capacitance versus equivalent serial resistance of the crystal
(RS) (3)
RS = 30 W
-
6
-
pF
tSU(HFO) (4) Startup time
VPS stabilized
-
6
10
ms
1. Resonator characteristics given by the crystal/ceramic resonator manufacturer.
2. Based on characterization, not tested in production.
3. The relatively low value of the RF resistor offers a good protection against issues resulting from use in a
humid environment, due to the induced leakage and the bias condition change. However, it is recommended
to take this point into account if the Host is used in tough humidity conditions.
4. tSU(HFO) is the startup time measured from the moment it is enabled (by software) to when a stabilized
27.12 MHz oscillation is reached. This value is measured for a standard crystal resonator and it can vary
significantly with the crystal manufacturer.
For CL1 and CL2, it is recommended to use high-quality external ceramic capacitors in the 10 pF to 20 pF range
(typ.), designed for high-frequency applications, and selected to match the requirements of the crystal or
resonator (see Figure 14. Typical application with a 27.12 MHz crystal). CL1 and CL2 are usually the same size.
The crystal manufacturer typically specifies a load capacitance which is the series combination of CL1 and CL2.
Figure 14. Typical application with a 27.12 MHz crystal
XOUT
XIN
fHFO
CL1
RF
NFC device
27.12 MHz
crystal
CL2
Note:
For CL1 and CL2 it is recommended to use high-quality ceramic capacitors in the 10 to 20 pF range, selected to
match the requirements of the crystal or resonator. CL1 and CL2, have usually the same size. The crystal
manufacturer typically specifies a load capacitance which is the series combination of CL1 and CL2.
Load capacitance CL has the following formula: CL = CL1 x CL2 / (CL1 + CL2) + Cstray, where Cstray (typically
between 2 and 7 pF) is the pin capacitance and board or trace PCB-related capacitance.
ST25R95
Oscillator characteristics
DS12807 - Rev 4
page 49/61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com