Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R95 Datasheet(PDF) 47 Page - STMicroelectronics

Part # ST25R95
Description  Near field communication transceiver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R95 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button ST25R95 Datasheet HTML 43Page - STMicroelectronics ST25R95 Datasheet HTML 44Page - STMicroelectronics ST25R95 Datasheet HTML 45Page - STMicroelectronics ST25R95 Datasheet HTML 46Page - STMicroelectronics ST25R95 Datasheet HTML 47Page - STMicroelectronics ST25R95 Datasheet HTML 48Page - STMicroelectronics ST25R95 Datasheet HTML 49Page - STMicroelectronics ST25R95 Datasheet HTML 50Page - STMicroelectronics ST25R95 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 61 page
background image
Figure 13. SPI timing diagram (Slave mode and CPOL = 1, CPHA = 1)
MOSI
MISO
tc(SCK)
th(NSS)
tCH(SCKL)
tv(SO)
th(SO)
tsu(SI)
th(SI)
NSS input
MSB out
MSB in
Bit 6 out
Bit 1 in
LSB out
LSB in
tCH(SCKH)
tSU(NSS)
CPOL = 1
CPHA = 1
6.5
RF characteristics
Test conditions are TA = 0°C to 50°C, unless otherwise specified.
VPS_TX = 3V ± 10% and VPS_MAIN = 3V ± 10%.
Table 50. Tag/Card emulation characteristics
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
fC
Frequency of operating field (carrier frequency)
-
13.553 13.56 13.567 MHz
MI carrier
Carrier modulation index from reader
ISO/IEC 14443 -Type A
-
-
-
100
%
HField (1) Operating field strength in ISO/IEC 14443
-
1.5
-
7.5
A/m
VMaxCarrier Input voltage between RX1 and RX2
-
-
-
18
V
fS (1)
Frequency of Subcarrier modulation (ISO/IEC
14443 FeliCa and ISO/IEC 15693)
-
-
-
fC / 16
ALoad
Load Modulation Amplitude
fC + fS
fC - fS
ISO 10373-6 test methods for
ISO/IEC 14443-A @ 1.5 A/m
18
18
-
-
mV
fC + fS
fC - fS
ISO 10373-6 test methods for
ISO/IEC 14443-A @ 7.5A/m
8
8
-
-
mV
ALoad
Load Modulation Amplitude
fC + fS
fC - fS
ECMA 356 test methods for
ECMA 340 @ 1.5 A/m
18
18
-
-
mV
fC + fS
fC - fS
ECMA 356 test methods for
ECMA 340 @ 7.5 A/m
8
8
-
-
mV
DataR
ISO/IEC 14443 Type A
-
106
-
212
Kbps
1. Maximum values based on design simulation and/or characterization results, and not tested in production.
2. Parameter measured on samples using recommended output matching network.
ST25R95
RF characteristics
DS12807 - Rev 4
page 47/61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com