Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R95 Datasheet(PDF) 41 Page - STMicroelectronics

Part # ST25R95
Description  Near field communication transceiver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R95 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button ST25R95 Datasheet HTML 37Page - STMicroelectronics ST25R95 Datasheet HTML 38Page - STMicroelectronics ST25R95 Datasheet HTML 39Page - STMicroelectronics ST25R95 Datasheet HTML 40Page - STMicroelectronics ST25R95 Datasheet HTML 41Page - STMicroelectronics ST25R95 Datasheet HTML 42Page - STMicroelectronics ST25R95 Datasheet HTML 43Page - STMicroelectronics ST25R95 Datasheet HTML 44Page - STMicroelectronics ST25R95 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 61 page
background image
5.12
AC filter command (0x0D) description
This command activates/deactivates the anti-collision filter in Type A card emulation mode. The following tables
define the command and response fields depending on the AC filter command length.
Table 39. AC filter command description (Command <Len> > 0x02)
Direction
Data
Comments
Example
Host to
ST25R95
0D
Command code
General case (LEN ≠ 0x00, 0x01 or 0x02)
>>>0D0B440320880251744AEF2280
Activate filter for 2-cascade anti-collision
Note that the command length can be 7, 11 or 15 bytes depending on UID
length:
7: for 1-cascade level filter
11: for 2-cascade levels filter
15: for 3-cascade levels filter
All other values greater than 2 will result in an ‘Invalid command length’ error.
*** Special cases of command ***
LEN = 0x00
>>>0x0D00 De-activate AC Filter (LEN = 0x00)
<<<
0x0001XX0000 AC Filter is successfully deactivated (See Table 40. state
when behaving as ISO/IEC 14443-A tag
LEN = 0x01
>>>
0x0D01XX - Set AC state (see table below)
<<<
0x0000 AC state successfully set
LEN = 0x02
>>>
0x0D020000 - Returns AC state without deactivating filter
<<<
0x0001XX AC state (See Table 40. state when behaving as ISO/IEC
14443-A tag)
<Len>
Length of data
<ATQA>
(2 bytes)
Unused and
proprietary bits
of SAK (protocol
bits will be
handled by
firmware)
<SAK>
Unused and
proprietary bits
of SAK (protocol
bits will be
handled by
firmware)
<UID
part 1>
UID for cascade
level 1
(Mandatory)
<UID
part 2>
UID for cascade
level 2 (Optional)
<UID
part 3>
UID for cascade
level 3 (Optional)
ST25R95
to Host
00
Result code
AC Filter is successfully activated.
<<<0x0000
Set State:
>>>>
0D0101
<<<<
0000
00
Length of data
ST25R95
to Host
82
Error code
<<<0x8200
Invalid command length
00
Length of data
ST25R95
to Host
00
Result code
Get state
>>>
0D020000
<<<
000101
Deactivate AC Filter:
>>>
0D00
<<<
000101
01
Length of data
<state>
AC state (See
Table 40. state
when behaving
as ISO/IEC
14443-A tag)
ST25R95
AC filter command (0x0D) description
DS12807 - Rev 4
page 41/61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com