Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R95 Datasheet(PDF) 28 Page - STMicroelectronics

Part # ST25R95
Description  Near field communication transceiver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R95 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button ST25R95 Datasheet HTML 24Page - STMicroelectronics ST25R95 Datasheet HTML 25Page - STMicroelectronics ST25R95 Datasheet HTML 26Page - STMicroelectronics ST25R95 Datasheet HTML 27Page - STMicroelectronics ST25R95 Datasheet HTML 28Page - STMicroelectronics ST25R95 Datasheet HTML 29Page - STMicroelectronics ST25R95 Datasheet HTML 30Page - STMicroelectronics ST25R95 Datasheet HTML 31Page - STMicroelectronics ST25R95 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 61 page
background image
5.9
Idle command (0x07) description
This command switches the ST25R95 into low power consumption mode and defines the way to return to Ready
state.
The Result code contains the Wake-up flag register value indicating to the application the wake-up event that
caused the device to exit WFE mode.
Caution:
In low power consumption mode the device does not support SPI poll mechanism. Application has to
rely on IRQ_OUT before reading the answer to the Idle command.
Table 24. Idle command description
Direction
Data
Comments
Example
Host to
ST25R95
07
Command code
Example of switch from Active mode to
Hibernate state:
>>>0x07 0E 08 04 00 04 00
18 00 00 00 00 00 00 00 00
Example of switch from Active to WFE
mode (wake-up by low pulse on IRQ_IN
pin):
>>>0x07 0E 08 01 00 38 00
18 00 00 60 00 00 00 00 00
Example of switch from Active to WFE
mode (wake-up by low pulse on SPI_SS
pin):
>>>0x07 0E 10 01 00 38 00
18 00 00 60 00 00 00 00 00
Example of wake-up by Timeout (7
seconds):
Duration before Timeout = 256 * tL * (WU
period + 2) * (MaxSleep + 1)
>>>0x07 0E 01 21 00 38 00
18 00 60 60 00 00 00 00 08
Example of switch from Active to Tag
detector mode (wake-up by tag detection
or low pulse on IRQ_IN pin) (32 kHz,
inactivity duration = 272 ms, DAC
oscillator = 3 ms, Swing = 63 pulses of
13.56 MHz):
>>>0x07 0E 0A 21 00 79 01
18 00 20 60 60 64 74 3F 08
Example of a basic Idle command used
during the Tag detection Calibration
process:
>>>0x07 0E 03 A1 00 F8 01
18 00 20 60 60 00 xx 3F 01
where
xx is the DacDataH value.
0E
Length of data
<WU Source>
Specifies authorized wake-up sources and the LFO
frequency
EnterCtrlL
Settings to enter WFE mode
EnterCtrlH
WUCtrlL
Settings to wake-up from WFE mode
WUCtrlH
LeaveCtrlL
Settings to leave WFE mode (default value = 0x1800)
LeaveCtrlH
<WUPeriod>
Period of time between two tag detection bursts. Also
used to specify the duration before Timeout.
<OscStart>
Defines the wait time for HFO to stabilize:
<OscStart> * tL
(Default value = 0x60)
<DacStart>
Defines the wait time for DAC to stabilize:
<DacStart> * tL
(Default value = 0x60)
<DacDataL>
Lower compare value for tag detection (1) .
This value must be set to
0x00 during tag detection
calibration.
<DacDataH>
Higher compare value for tag detection (1).
This is a variable used during tag detection calibration.
<SwingsCnt>
Number of swings HF during tag detection (Default
value = 0x3F)
<MaxSleep>
Max. number of tag detection trials before Timeout (1).
This value must be set to
0x01 during tag detection
calibration.
Also used to specify duration before Timeout.
MaxSleep must be:
0x00 < MaxSleep < 0x1F
ST25R95
Idle command (0x07) description
DS12807 - Rev 4
page 28/61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com