Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R95 Datasheet(PDF) 54 Page - STMicroelectronics

Part # ST25R95
Description  Near field communication transceiver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R95 Datasheet(HTML) 54 Page - STMicroelectronics

Back Button ST25R95 Datasheet HTML 50Page - STMicroelectronics ST25R95 Datasheet HTML 51Page - STMicroelectronics ST25R95 Datasheet HTML 52Page - STMicroelectronics ST25R95 Datasheet HTML 53Page - STMicroelectronics ST25R95 Datasheet HTML 54Page - STMicroelectronics ST25R95 Datasheet HTML 55Page - STMicroelectronics ST25R95 Datasheet HTML 56Page - STMicroelectronics ST25R95 Datasheet HTML 57Page - STMicroelectronics ST25R95 Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 61 page
background image
A
Additional Idle command description
This section provides examples of use for the Idle command.
The wake-up source is the third of the 16 bytes in the Idle command. This byte specifies authorized Wake-up
events. This revision now also provides the capability to set the LFO frequency in WFE mode.
The LFO frequency and the authorized wake-up source settings are stored in the Wake-up source register as the
parameters of the Idle command.
The Wake-up event is updated by the ST25R95 when it exits WFE mode.
The contents of the Wake-up event register can be read using the Read Register command or in the ST25R95
reply to the Idle command.
Table 56. Wake-up source register
Bits [7:6]
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
LFO frequency
RFU (1)
IRQ on pin SPI_SS
IRQ on pin IRQ_IN
Field Detect
Tag Detect
Timeout
1. Must be set to ‘0’.
Table 57. Wake-up event register
Bits [7:6]
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
LFO frequency
RFU
IRQ on pin SPI_SS
IRQ on pin IRQ_IN
Field Detect
Tag Detect
Timeout
Bits [7:6] define the LFO frequency (fLFO):
00: 32 kHz
01: 16 kHz
10: 8 kHz
11: 4 kHz
Bit 4: When set, the ST25R95 will wake up when an external interrupt (low level on pin SPI_SS) is detected.
Bit 3: When set, the ST25R95 will wake up when an external interrupt (low level on pin IRQ_IN) is detected. This
is useful for SPI communication. It is recommended to set this bit to ‘1’ in order to recover in the event of a system
crash.
Bit 2: When set, the ST25R95 will wake up when an RF field is detected.
Bit 1: When set, the ST25R95 will wake up when a tag is detected in the RF field. This bit must also be set during
Tag detection calibration or during a Tag detection sequence.
Bit 0: When set, the ST25R95 will wake up and return to Ready state at the end of a predefined cycle. The
Timeout (TO) value is defined by the MaxSleep and Wake-up period:
TO = (MaxSleep+1)*(WuPeriod+2)*tREF
tREF= 256*tL = 8 ms (fLFO = 32 kHz), mean power consumption in sleep mode is 25 µA
tREF= 256*tL = 64 ms (fLFO = 4 kHz), mean power consumption in sleep mode is 20 µA
Note:
0x00 < MaxSleep < 0x1F.
This bit must be set when using the timer as a possible wake-up source. It must be set during Tag detection
calibration to force a wake-up after the first Tag detection trial.
ST25R95
Additional Idle command description
DS12807 - Rev 4
page 54/61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com