Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R95 Datasheet(PDF) 2 Page - STMicroelectronics

Part # ST25R95
Description  Near field communication transceiver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R95 Datasheet(HTML) 2 Page - STMicroelectronics

  ST25R95 Datasheet HTML 1Page - STMicroelectronics ST25R95 Datasheet HTML 2Page - STMicroelectronics ST25R95 Datasheet HTML 3Page - STMicroelectronics ST25R95 Datasheet HTML 4Page - STMicroelectronics ST25R95 Datasheet HTML 5Page - STMicroelectronics ST25R95 Datasheet HTML 6Page - STMicroelectronics ST25R95 Datasheet HTML 7Page - STMicroelectronics ST25R95 Datasheet HTML 8Page - STMicroelectronics ST25R95 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 61 page
background image
1
Description
The ST25R95 is an integrated transceiver IC for contactless applications.
The ST25R95 manages frame coding and decoding in Reader and card emulation modes for standard
applications such as near field communication (NFC), proximity and vicinity standards.
The ST25R95 supports ISO/IEC 14443 Type A communication in reader and card emulation modes, and ISO/IEC
14443 Type B, ISO/IEC15693, and FeliCa in reader mode.The ST25R95 embeds an analog front end to provide
the 13.56 MHz air interface.
The ST25R95 also supports the detection, reading and writing of NFC Forum Type 1, 2, 3, 4, and 5 tags, and an
SPI interface to communicate with the host controller.
Figure 1. ST25R95 application overview
ST25R95
Host
Interrupt Management
SPI
Controller
(MCU)
1.1
Block diagram
Figure 2. ST25R95 block diagram
RX2
ST25R95
Frame Controller
AFE IP
Configuration
register
Reader
ISO/IEC 14443
Type A and B
ISO/IEC 15693
FeliCa
Digital
Tag/Field Detector
Timer
Accelerators
Encoder/Decoder
FIFO
AFE
Signal
Mux
Mod/
Demod
Tag
Detector
Status
registers
User interface
SPI
Interrupt
Power & Clock
Management
Host
(User side)
XIN
XOUT
TX1
TX2
RX1
VPS_TX
GND_TX
VPS_Main
GND_Dig
GND_RX
27.12 MHz
Card Emulator
ISO/IEC 14443
Type A
ST25R95
Description
DS12807 - Rev 4
page 2/61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com