Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R95 Datasheet(PDF) 21 Page - STMicroelectronics

Part # ST25R95
Description  Near field communication transceiver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R95 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button ST25R95 Datasheet HTML 17Page - STMicroelectronics ST25R95 Datasheet HTML 18Page - STMicroelectronics ST25R95 Datasheet HTML 19Page - STMicroelectronics ST25R95 Datasheet HTML 20Page - STMicroelectronics ST25R95 Datasheet HTML 21Page - STMicroelectronics ST25R95 Datasheet HTML 22Page - STMicroelectronics ST25R95 Datasheet HTML 23Page - STMicroelectronics ST25R95 Datasheet HTML 24Page - STMicroelectronics ST25R95 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 61 page
background image
Direction
Data
Comments
Example
ST25R95 to
Host
0x8A
Error code
<<<0x8A00 Framing error (start bit = 0, stop bit = 1)
0x00
Length of data
ST25R95 to
Host
0x8B
Error code
<<<0x8B00 EGT time out (for ISO/IEC 14443-B)
0x00
Length of data
ST25R95 to
Host
0x8C
Error code
<<<0x8C00 Invalid length. Used in NFC Forum Tag Type 3, when field
Length < 3
0x00
Length of data
ST25R95 to
Host
0x8D
Error code
<<<0x8D00 CRC error (Used in NFC Forum Tag Type 3 protocol)
0x00
Length of data
ST25R95 to
Host
0x8E
Error code
<<<0x8E00 Reception lost without EOF received
0x00
Length of data
1. See Table 16 for details.
Table 16 gives examples of communication between the ST25R95 and a contactless tag. The ST25R95 receives
a SendRecv command (>>> 0x04...) from the host and returns its response to the host (<<< 0x80...). Table 16
provides more details on the ST25R95 response format.
Table 16. List of <DATA> send values for the SendRecv command for different protocols
Protocol
Explanation
Command example
Comments
ISO/IEC 15693
NFC Forum Tag
Type 5
Send example
04
03
022000
Example of an Inventory command
using different protocol configuration:
Uplink: 100% ASK, 1/4 coding
Downlink: High data rate, Single sub-
carrier
>>>
0x0403260100 (Inventory - 1
slot)
<<<
0x800D0000CDE0406CD62902E
0057900
If length of data is ‘0’, only the EOF will
be sent. This can be used for an anti-
collision procedure.
Command code
Length of entire data field
Data
ST25R95
Send receive (SendRecv) command (0x04) description
DS12807 - Rev 4
page 21/61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com