Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R95 Datasheet(PDF) 20 Page - STMicroelectronics

Part # ST25R95
Description  Near field communication transceiver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R95 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button ST25R95 Datasheet HTML 16Page - STMicroelectronics ST25R95 Datasheet HTML 17Page - STMicroelectronics ST25R95 Datasheet HTML 18Page - STMicroelectronics ST25R95 Datasheet HTML 19Page - STMicroelectronics ST25R95 Datasheet HTML 20Page - STMicroelectronics ST25R95 Datasheet HTML 21Page - STMicroelectronics ST25R95 Datasheet HTML 22Page - STMicroelectronics ST25R95 Datasheet HTML 23Page - STMicroelectronics ST25R95 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 61 page
background image
5.6
Send receive (SendRecv) command (0x04) description
This command sends data to a contactless tag and receives its reply.
Before sending this command, the Host must first send the ProtocolSelect command to select an RF
communication protocol.
If the tag response was received and decoded correctly, the <Data> field can contain additional information which
is protocol-specific. This is explained in Table 16. List of <DATA> send values for the SendRecv command for
different protocols.
Note:
Before issuing a new SendRecv command, the previous one must be completed (for instance, either when a
response from the tag is received or when a timeout error or any other error response is received)
Table 15. SendRecv command description
Direction
Data
Comments
Example
Host to
ST25R95
0x04
Command code
See Table 16 and Table 17 for detailed examples.
<Len>
Length of data
<Data>
Data to be sent
ST25R95 to
Host
0x80
Result code
<<<0x800F5077FE01B3000000000071718EBA00
The tag response is decoded. This is an example of an ISO/IEC 14443 ATQB
response (Answer to Request Type B)
<Len>
Length of data
<Data>
Data received.
Interpretation
depends on
protocol
ST25R95 to
Host
0x90
Result code
<<<
0x90040x240000 (exception for 4-bit frames where ‘x’ represents
ACK or NAK value)
•
90: Result code for “non-integer number of bytes are received”
•
04: total length of data
•
0A or 00: Data
24: “2” means no CRC, “4” means 4 significant bits in
Data byte.
•
00 00: No collision in response
Example ACK
<<< 0x90040A240000
Example NAK
<<<
0x900400240000
<Len>
Length of data
ACK or
NAK
ISO 14443-A
ACK or NAK
detection
xx yy zz
3-byte response
flag analysis
xx: Error type and number of significant bits in first data byte
yy: First byte collision
zz: First bit collision(1)
ST25R95 to
Host
X0 + <Len> + Data (see Section 4.3 Support of long frames)
ST25R95 to
Host
0x86
Error code
<<<0x8600 Communication error
0x00
Length of data
ST25R95 to
Host
0x87
Error code
<<<0x8700 Frame wait time out or no tag
0x00
Length of data
ST25R95 to
Host
0x88
Error code
<<<0x8800 Invalid SOF
0x00
Length of data
ST25R95 to
Host
0x89
Error code
<<<0x8900 Receive buffer overflow (too many bytes received)
0x00
Length of data
ST25R95
Send receive (SendRecv) command (0x04) description
DS12807 - Rev 4
page 20/61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com