Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R95 Datasheet(PDF) 6 Page - STMicroelectronics

Part # ST25R95
Description  Near field communication transceiver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R95 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ST25R95 Datasheet HTML 2Page - STMicroelectronics ST25R95 Datasheet HTML 3Page - STMicroelectronics ST25R95 Datasheet HTML 4Page - STMicroelectronics ST25R95 Datasheet HTML 5Page - STMicroelectronics ST25R95 Datasheet HTML 6Page - STMicroelectronics ST25R95 Datasheet HTML 7Page - STMicroelectronics ST25R95 Datasheet HTML 8Page - STMicroelectronics ST25R95 Datasheet HTML 9Page - STMicroelectronics ST25R95 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 61 page
background image
3
Power management and operating modes
3.1
Operating modes
The ST25R95 has two operating modes: Wait for event (WFE) and Active. In Active mode, the ST25R95
communicates actively with a tag or an external host (an MCU, for example). WFE mode includes four low
consumption states: Power-up, Hibernate, Sleep/Field detector and Tag detector.
The ST25R95 can switch from one mode to another.
Table 3. ST25R95 operating modes and states
Mode
State
Description
Wait for event
(WFE)
Power-up
This mode is accessible directly after POR.
Low level on IRQ_IN pin (longer than 10 µs) is the only wakeup source. LFO (low-frequency
oscillator) is running in this state.
Hibernate
Lowest power consumption state. The ST25R95 has to be woken-up in order to
communicate. Low level on IRQ_IN pin (longer than 10 µs) is the only wakeup source.
Sleep/Field
detector
Low power consumption state. Wakeup source is configurable:
Timer
IRQ_IN pin
SPI_SS pin
Field Detector
LFO (low-frequency oscillator) is running in this state.
Tag detector
Low power consumption state with tag detection. Wakeup source is configurable:
Timer
IRQ_IN pin
SPI_SS pin
Tag detector
LFO (low-frequency oscillator) is running in this state.
Active
Ready
In this mode, the RF is OFF and the ST25R95 waits for a command (ProtocolSelect, ...) from
the external host via the selected serial interface (SPI).
Reader
The ST25R95 can communicate with a tag using the selected protocol or with an external
host using the SPI interface.
Card
emulation
The ST25R95 can communicate as a Card or Tag with an external reader. The Card or Tag
application is located in the Host and communicates with the ST25R95 via the SPI interface.
Hibernate, Tag detector and Sleep/Field detector states can only be activated by a command from the external
host. As soon as any of these three states are activated, the ST25R95 can no longer communicate with the
external host. It can only be woken up.
The behaviour of the ST25R95 in 'Tag detector' state is defined by the Idle command.
ST25R95
Power management and operating modes
DS12807 - Rev 4
page 6/61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com