Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R95 Datasheet(PDF) 42 Page - STMicroelectronics

Part # ST25R95
Description  Near field communication transceiver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R95 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button ST25R95 Datasheet HTML 38Page - STMicroelectronics ST25R95 Datasheet HTML 39Page - STMicroelectronics ST25R95 Datasheet HTML 40Page - STMicroelectronics ST25R95 Datasheet HTML 41Page - STMicroelectronics ST25R95 Datasheet HTML 42Page - STMicroelectronics ST25R95 Datasheet HTML 43Page - STMicroelectronics ST25R95 Datasheet HTML 44Page - STMicroelectronics ST25R95 Datasheet HTML 45Page - STMicroelectronics ST25R95 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 61 page
background image
Table 40. state when behaving as ISO/IEC 14443-A tag
Value
AC state
0x00
Idle
0x01
ReadyA
0x04
Active
0x80
Halt
0x81
ReadyA*
0x84
Active*
The AC filter command activates or deactivates an anti-collision filter for ISO/IEC 14443A card protocol. This
command also forces or indicates the card emulator state.
If the AC filter is not activated, all received commands are stored in the ST25R95 buffer before being read by the
external microcontroller.
If the AC filter is activated, internal firmware will try to interpret the commands sent by the reader itself and
perform an anti-collision sequence. The internal state machine of the AC filter also handles the SLP_REQ
command and changes the AC state accordingly, in order to have the proper handling of the SENS_REQ and
ALL_REQ commands in the various state. Non-interpreted commands are stored in the ST25R95 buffer before
being read by the external microcontroller to perform card emulation.
The ST25R95 is able to interpret and respond to the commands listed in the table below. The device remains in
Listening mode after executing these commands.
The ST25R95 handles those commands as long as the AC filter is active.
Table 41. Commands to which the device is able to react
Command
Code
Definition
SENS_REQ
26 (7-bit)
Sense request
ALL_REQ
52 (7-bit)
WakeUp All request
SDD_REQ
93, 95, 97
Single device detection request
SEL_REQ
9370, 9570, 9770
Select request
SLP_REQ
5000
Sleep request
5.13
Echo command (0x55) description
The Echo command verifies the possibility of communication between a Host and the ST25R95. The ST25R95
will exit the listen mode upon reception of an echo command. This can be used to stop listen mode (see
Section 5.7 Listen command (0x05) description).
Table 42. Echo command description
Direction
Data
Comments
Example
Host to ST25R95
0x55
Command code
-
ST25R95 to Host
0x55
Code response
>>> 0x55: Sends an Echo command
<<< 0x55: Response to an Echo command
ST25R95
Echo command (0x55) description
DS12807 - Rev 4
page 42/61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com