Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R95 Datasheet(PDF) 9 Page - STMicroelectronics

Part # ST25R95
Description  Near field communication transceiver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R95 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ST25R95 Datasheet HTML 5Page - STMicroelectronics ST25R95 Datasheet HTML 6Page - STMicroelectronics ST25R95 Datasheet HTML 7Page - STMicroelectronics ST25R95 Datasheet HTML 8Page - STMicroelectronics ST25R95 Datasheet HTML 9Page - STMicroelectronics ST25R95 Datasheet HTML 10Page - STMicroelectronics ST25R95 Datasheet HTML 11Page - STMicroelectronics ST25R95 Datasheet HTML 12Page - STMicroelectronics ST25R95 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 61 page
background image
4
Communication protocols
4.1
Serial peripheral interface (SPI)
4.1.1
Polling mode
To send commands and receive replies, the application software has to perform three steps.
1.
Send the command to the ST25R95.
2.
Poll the ST25R95 until it is ready to transmit the response.
3.
Read the response.
After a command, the application software needs to wait for the ST25R95 to be ready to send the response. Not
following this procedure may cause unpredictable behaviour.
The maximum allowed SPI communication speed is fSCK. The ST25R95 supports SPI communication configured
for CPOL = CPHA = 1 and SPI communication configured for CPOL = CPHA = 0.
A control byte is used to specify a communication type and direction:
•
0x00: Send command to the ST25R95
•
0x03: Poll the ST25R95
•
0x02: Read data from the ST25R95
•
0x01: Reset the ST25R95
The SPI_SS line is used to select a device on the common SPI bus. The SPI_SS pin is active low.
When the SPI_SS line is inactive, all data sent by the Master device is ignored and the MISO line remains in High
Impedance state.
In Slave mode, the phase and polarization are defined with CPOL = 1 and CPHA = 1 or CPOL = 0 and CPHA = 0.
Figure 6. Sending command to ST25R95
MOSI
0 0 0 0 0 0 0 0
CMD
LEN
DATA
DATA
Control Byte
MISO
X X X X X X X X
Several data bytes
X X X X X X X X X X X X X X X X X X X X X X X X
X X X X X X X X
Figure 7. Polling the ST25R95 until it is ready
MOSI
0 0 0 0 0 0 1 1
Control Byte
MISO
Flag
0 0 0 0 0 X X X
X X X X X X 1 1
X X X X X X 1 1
X X X X X X 1 1
X X X X X X X X
0 0 0 0 0 X X X 0 0 0 0 1 X X X
Flag
Flags are polled until data is ready (Bit 3 is set when data is ready)
ST25R95
Communication protocols
DS12807 - Rev 4
page 9/61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com