Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R95 Datasheet(PDF) 25 Page - STMicroelectronics

Part # ST25R95
Description  Near field communication transceiver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R95 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button ST25R95 Datasheet HTML 21Page - STMicroelectronics ST25R95 Datasheet HTML 22Page - STMicroelectronics ST25R95 Datasheet HTML 23Page - STMicroelectronics ST25R95 Datasheet HTML 24Page - STMicroelectronics ST25R95 Datasheet HTML 25Page - STMicroelectronics ST25R95 Datasheet HTML 26Page - STMicroelectronics ST25R95 Datasheet HTML 27Page - STMicroelectronics ST25R95 Datasheet HTML 28Page - STMicroelectronics ST25R95 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 61 page
background image
On reception, bits [6:0] of the parity byte are zeroes; on transmission, bits [6:0] are ignored.
5.7
Listen command (0x05) description
In card emulation mode, this command waits for a command from an external reader.
Before sending this command, the application must select a protocol.
Table 19. Listen command description
Direction
Data
Comments
Example
Host to ST25R95
05
Command code 0x0500: Enters a Listening mode where the ST25R95 waits for a command from an external
reader.
00
Length of data
ST25R95 to Host
00
Result code
0x0000: No error. Confirmation that ST25R95 now is in Listening mode.
00
Length of data
ST25R95 to Host
82
Error code
0x8200: Invalid command length
00
Length of data
ST25R95 to Host
83
Error code
0x8300: Invalid protocol or protocol is not supported. For example, application selects protocol
ISO/IEC 15693 using command select protocol and then executes the Listen command. ISO/IEC
15693 is not supported in card emulation mode.
00
Length of data
ST25R95 to Host
8F
Error code
0x8F00: No field. Command cannot be executed because there is no external field.
00
Length of data
After reception of the Listen command and the return of a ‘No error’ confirmation, the ST25R95 enters Listening
mode. The host controller has to use SPI Poll mode or IRQ_OUT pin to detect when a receive frame is available
in the ST25R95 buffer. The ST25R95 will exit Listening mode as soon it receives the Echo command (0x55) from
the Host Controller (MCU) or a command from an external reader (not including commands supported by the AC
filter command listed in Table 41. Commands to which the device is able to react).
In all cases, the ST25R95 will send data or an error code to the Host controller (MCU).
If no command from an external reader has been received, then the Echo command (0x55) must be used to exit
the Listening mode prior to sending a new command to the ST25R95. In response to the Echo command, the
ST25R95 sends 0x55 + 0x8500 (error code of the Listening state cancelled by the MCU).
Possible return codes are listed in Table 20. Response codes from the ST25R95 in Listening mode.
ST25R95
Listen command (0x05) description
DS12807 - Rev 4
page 25/61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com