Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R95 Datasheet(PDF) 48 Page - STMicroelectronics

Part # ST25R95
Description  Near field communication transceiver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R95 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button ST25R95 Datasheet HTML 44Page - STMicroelectronics ST25R95 Datasheet HTML 45Page - STMicroelectronics ST25R95 Datasheet HTML 46Page - STMicroelectronics ST25R95 Datasheet HTML 47Page - STMicroelectronics ST25R95 Datasheet HTML 48Page - STMicroelectronics ST25R95 Datasheet HTML 49Page - STMicroelectronics ST25R95 Datasheet HTML 50Page - STMicroelectronics ST25R95 Datasheet HTML 51Page - STMicroelectronics ST25R95 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 61 page
background image
Table 51. Field detection characteristics
Symbol
Parameter
Min.
Typ.
Max.
Unit
-
Level of detection (2)
0.5
-
8
A/m
1. Parameter measured using recommended output matching network for ISO/IEC 14443 communication.
Table 52. Reader characteristics
Symbol
Parameter
Min.
Typ.
Max.
Unit
fC
Frequency of operating field (carrier frequency)
13.553
13.56
13. 567
MHz
MI Carrier
Carrier modulation index
•
ISO/IEC 14443-A (1)
•
ISO/IEC 14443-B
•
FeliCa
•
ISO/IEC 15693 (10% modulation)(2)
•
ISO/IEC 15693 (100% modulation)
-
8
8
10
80
-
100
14
14
30
100
%
Transmitter specifications (VPS_TX = 2.7 to 3.3 V)
-
ZOUT differential impedance between TX1 and TX2(1)
-
27
-
Ω
-
Output power for 3V operation on pin VPS_TX (2)
-
55
-
mW
Transmitter specifications (VPS_TX = 4.5 to 5.5 V)
-
ZOUT differential impedance between TX1 and TX2(1)
-
16
-
Ω
-
Output power for 5V operation on pin VPS_TX (1) (2)
-
230
-
mW
Receiver specifications
-
Small signal differential input resistance (Rx1/Rx2)(1)
-
100
-
kΩ
VRx1-Rx2
Differential input voltage between pins RX1 and RX2 (3)
-
-
18
V
-
Small signal differential input capacitance (Cx1/Cx2)(1)
-
22
-
pF
-
Sensitivity (106 Kbps data rate) (4)
-
8
-
mV
1. Maximum values based on design simulation and/or characterization results, and not tested in production.
2. Parameter measured on samples using recommended output matching network. (Z load is 27 Ω and 0°.)
3. This voltage can be limited by adding a damping resistor in parallel of the antenna or between ST_R0 and Ground.
4. Based on ISO/IEC 10373-6 protocol measurement. The reader sensitivity corresponds to the load modulation value of the
REQ reply sent by an ISO reference card when decoded by the ST25R95.
ST25R95
RF characteristics
DS12807 - Rev 4
page 48/61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com