Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R95 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST25R95
Description  Near field communication transceiver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R95 Datasheet(HTML) 1 Page - STMicroelectronics

  ST25R95 Datasheet HTML 1Page - STMicroelectronics ST25R95 Datasheet HTML 2Page - STMicroelectronics ST25R95 Datasheet HTML 3Page - STMicroelectronics ST25R95 Datasheet HTML 4Page - STMicroelectronics ST25R95 Datasheet HTML 5Page - STMicroelectronics ST25R95 Datasheet HTML 6Page - STMicroelectronics ST25R95 Datasheet HTML 7Page - STMicroelectronics ST25R95 Datasheet HTML 8Page - STMicroelectronics ST25R95 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 61 page
background image
VFQFPN32
(5x5 mm)
Features
•
Belonging to ST25 family that includes all NFC/RF ID tag and reader products
from STMicroelectronics
•
Operating modes supported:
–
Reader/Writer
–
Card emulation (ISO/IEC 14443-3 Type A)
•
Hardware features
–
Dedicated internal frame controller
–
Highly integrated analog front end (AFE) for RF communications
–
Transmission and reception modes
–
Optimized power management
–
Tag detection mode
–
Field detection mode
•
RF communication at 13.56 MHz
–
NFC-A / ISO14443A reader mode
–
NFC-B / ISO14443B reader mode
–
NFC-F / FeliCa™ reader mode
–
NFC-V / ISO15693 reader mode
–
NFC-A / ISO14443A card emulation
–
MIFARE® Classic compatible
•
Communication interfaces with a host controller
–
Serial peripheral interface (SPI) slave interface up to 2 Mbps
–
Up to 528-byte command/reception buffer (FIFO) depending on
communication protocol
•
32-lead, 5x5 mm, very thin fine pitch quad flat (VFQFPN) ECOPACK2 package
Applications
Typical protocols supported:
•
ISO/IEC 14443-3 Type A and B tags
•
ISO/IEC 15693 tags
•
ISO/IEC 18000-3M1 tags
•
NFC Forum tags: Types 1, 2, 3, 4 and 5
Typical ST25R95 applications include:
•
Consumer electronics
•
Gaming
•
Healthcare
•
Industrial
Typical ST25R95 use cases include:
•
NFC-enabled Wi-Fi® pairing
•
NFC-enabled Bluetooth® pairing
•
Data exchange
•
Communication with NFC/RFID tags (reader mode)
Product status link
ST25R95
Near field communication transceiver
ST25R95
Datasheet
DS12807 - Rev 4 - April 2019
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - ST25R95

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST25R100 STMICROELECTRONICS-ST25R100 Datasheet
976Kb / 86P
NFC/HF RFID reader IC
25-Jun-2024
ST25R200 STMICROELECTRONICS-ST25R200 Datasheet
952Kb / 88P
NFC/HF RFID reader IC
25-Jun-2024
ST25R3909 STMICROELECTRONICS-ST25R3909 Datasheet
134Kb / 3P
AM/PM demodulator
15-Nov-2016
ST25R3910 STMICROELECTRONICS-ST25R3910 Datasheet
1Mb / 65P
AM/PM demodulator
08-Feb-2017
ST25R3910-BQFT STMICROELECTRONICS-ST25R3910-BQFT Datasheet
1Mb / 65P
AM/PM demodulator
08-Feb-2017
More results

Similar Description - ST25R95

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST21NFCA STMICROELECTRONICS-ST21NFCA Datasheet
263Kb / 6P
Near field communication microcontroller
08-Feb-2008
logo
NXP Semiconductors
PN532 NXP-PN532 Datasheet
201Kb / 27P
Near Field Communication (NFC) controller
Rev.3.2-20 September 2012
logo
Panasonic Battery Group
NFC PANASONICBATTERY-NFC Datasheet
202Kb / 1P
Near Field Communication LSI
logo
NXP Semiconductors
PN533 PHILIPS-PN533 Datasheet
76Kb / 9P
Near Field Communication (NFC) controller
Rev. 3.3-16 July 2012
logo
STMicroelectronics
RX95HF STMICROELECTRONICS-RX95HF Datasheet
634Kb / 44P
Near field communication transceiver for tag emulation
02-Jun-2014
STRFNFCA STMICROELECTRONICS-STRFNFCA Datasheet
814Kb / 74P
Near field communication transceiver
16-Nov-2012
logo
NXP Semiconductors
PN5331B3HN NXP-PN5331B3HN Datasheet
1Mb / 236P
Near Field Communication (NFC) controller
Rev. 3.4-29 November 2017
PN7160 NXP-PN7160 Datasheet
755Kb / 68P
Near Field Communication (NFC) controller
Rev.3.2-30September2021
PN7160 NXP-PN7160_V01 Datasheet
761Kb / 70P
Near Field Communication (NFC) controller
Rev. 3.8 - 14 December 2022
PN7160 NXP-PN7160_V02 Datasheet
760Kb / 67P
Near Field Communication (NFC) controller
Rev. 3.9 - 8 March 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com