Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R95 Datasheet(PDF) 19 Page - STMicroelectronics

Part # ST25R95
Description  Near field communication transceiver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R95 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button ST25R95 Datasheet HTML 15Page - STMicroelectronics ST25R95 Datasheet HTML 16Page - STMicroelectronics ST25R95 Datasheet HTML 17Page - STMicroelectronics ST25R95 Datasheet HTML 18Page - STMicroelectronics ST25R95 Datasheet HTML 19Page - STMicroelectronics ST25R95 Datasheet HTML 20Page - STMicroelectronics ST25R95 Datasheet HTML 21Page - STMicroelectronics ST25R95 Datasheet HTML 22Page - STMicroelectronics ST25R95 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 61 page
background image
5.5
Pollfield command (0x03) description
This command can be used to detect the presence/absence of an HF field by monitoring the field detector
(FieldDet) flag. It can be used as well to wait for HF field appearance or disappearance until a defined timeout
expires. The answer to the PollField command is the value of the FieldDet flag.
Table 14. Pollfield command description
Direction
Data
Comments
Example
Host to
ST25R95
03
Command code
>>>0x0300 Check if RF Field is ON or OFF
>>> 0x0303010FFF - Wait for RF Field appearance for
(16*256)/13.56 µs
Flags, Presc and Timer parameters are optional. They must
be specidfied if the application has to wait for RF field appearance
or disappearance.
The time to wait is (
Presc+1)*(Timer+1)/13.56 µs.
<Len>
Length of data
<Flags>
RF field presence
(Optional):
01: Wait for RF field
appearance
00: Wait for RF field
disappearance
<Presc>
Timer prescaler
(Optional)
<Timer>
Timer time-out
(Optional)
ST25R95 to
Host
00
Result code
<<<0x0000 No RF field detected
00
Length of data
ST25R95 to
Host
00
Result code
<<<0x0000 or 0x000100 (No RF field detected) or
0x000101 (RF field detected)
01
Length of data
<FieldDet>
[7:1]: RFU
0: No field detect
1: Field detect
ST25R95 to
Host
82
Error code
<<<0x8200 Invalid command length
00
Length of data
The result of this command depends on the protocol selected. If a reader mode protocol is selected, the flag
FieldDet is set to ‘1’ because the RF field is turned ON by the reader.
ST25R95
Pollfield command (0x03) description
DS12807 - Rev 4
page 19/61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com