Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R95 Datasheet(PDF) 13 Page - STMicroelectronics

Part # ST25R95
Description  Near field communication transceiver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R95 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button ST25R95 Datasheet HTML 9Page - STMicroelectronics ST25R95 Datasheet HTML 10Page - STMicroelectronics ST25R95 Datasheet HTML 11Page - STMicroelectronics ST25R95 Datasheet HTML 12Page - STMicroelectronics ST25R95 Datasheet HTML 13Page - STMicroelectronics ST25R95 Datasheet HTML 14Page - STMicroelectronics ST25R95 Datasheet HTML 15Page - STMicroelectronics ST25R95 Datasheet HTML 16Page - STMicroelectronics ST25R95 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 61 page
background image
5
Commands
5.1
Command format
The frame from the Host to the ST25R95 has the following format:
<CMD><Len><Data>
The frame from the ST25R95 to Host has the following format:
<RespCode><Len><Data>
Fields <Cmd>, <RespCode> and <Len> are always 1 byte long. <Data> can be from 0 to 528 bytes.
Note:
The Echo command is an exception as it has only one byte (0x55).
The following symbols correspond to:
>>> Frame sent by the Host to ST25R95
<<< Frame sent by the ST25R95 to the Host
5.2
List of commands
Table 9 summarizes the available commands.
Table 9. List of ST25R95 commands
Code
Command
Description
0x01
IDN
Requests short information about the ST25R95 and its revision.
0x02 ProtocolSelect Selects the RF communication protocol and specifies certain protocol-related parameters.
0x03
Pollfield
Returns the current value of the Field Detector (FieldDet) flag (used in card emulation mode).
0x04
SendRecv
Sends data using the previously selected protocol and receives the tag response.
0x05
Listen
Listens for data using previously selected protocol (used in card emulation mode).
0x06
Send
Sends data using previously selected protocol (used in card emulation mode).
0x07
Idle
Switches the ST25R95 into a low consumption Wait for Event (WFE) mode (Power-up,
Hibernate, Sleep/Field or Tag detection), specifies the authorized wake-up sources and waits
for an event to exit to Ready state.
0x08
RdReg
Reads Wake-up event register or the Analog Register Configuration (ACC_A or ARC_B)
register.
0x09
WrReg
Writes Analog Register Configuration (ACC_A or ARC_B)) register or writes index of ACC_A or
ARC_B register address.
Writes the Timer Window (TimerW) value dedicated to ISO/IEC 14443 Type A tags.
Writes the AutoDetect Filter enable register dedicated to FeliCa™ tags.
0x0B
SubFreqRes
Returns the most recent subcarrier frequency detected for FeliCa™ communication.
0x0D
AC filter
Enables or disables the anti-collision filter for ISO/IEC 14443 Type A protocol.
0x55
Echo
performs a serial interface Echo command (reply data
0x55 or stops the Listening state when
a listen command has been sent without error).
Other codes
ST reserved
ST25R95
Commands
DS12807 - Rev 4
page 13/61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com