Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R95 Datasheet(PDF) 26 Page - STMicroelectronics

Part # ST25R95
Description  Near field communication transceiver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R95 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button ST25R95 Datasheet HTML 22Page - STMicroelectronics ST25R95 Datasheet HTML 23Page - STMicroelectronics ST25R95 Datasheet HTML 24Page - STMicroelectronics ST25R95 Datasheet HTML 25Page - STMicroelectronics ST25R95 Datasheet HTML 26Page - STMicroelectronics ST25R95 Datasheet HTML 27Page - STMicroelectronics ST25R95 Datasheet HTML 28Page - STMicroelectronics ST25R95 Datasheet HTML 29Page - STMicroelectronics ST25R95 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 61 page
background image
Table 20. Response codes from the ST25R95 in Listening mode
Direction
Data
Comments
Example
ST25R95 to Host
80
Result code
<<<0x80022627
The frame from the reader is decoded. This is an example of an
ISO/IEC 14443 Type A frame (REQA) received in card emulation
mode.
<Len>
Length of data
<Data>
Data received.
Interpretation depends
on protocol
ST25R95 to Host
85
Error code
<<<0x8500 Listening mode was cancelled by the application
00
Length of data
ST25R95 to Host
86
Error code
<<<0x8600 Communication error
00
Length of data
ST25R95 to Host
88
Error code
<<<0x8800 Invalid SOF
00
Length of data
ST25R95 to Host
89
Error code
<<<0x8900 Receive buffer overflow (too many bytes received)
00
Length of data
ST25R95 to Host
8A
Error code
<<<0x8A00 Framing error (start bit=0, stop bit=1)
00
Length of data
ST25R95 to Host
8B
Error code
<<<0x8B00 EGT time out (for ISO/IEC 14443B)
00
Length of data
ST25R95 to Host
8D
Error code
<<<0x8D00 CRC error (Used in NFC Forum Tag Type 3 protocol)
00
Length of data
ST25R95 - Host
8E
Error code
<<<0x8E00 Reception lost without EOF received
00
Length of data
If the request from the Reader was received and decoded correctly, the ST25R95 will send data back to the Host
(card emulation application). This is explained in Table 21.
Table 21. Data format sent to the Host in Listening mode
Protocol
Explanation
Response example
Comments
ISO/IEC-14443 Type
A
Request example
80 0A 9370800F8C8E 8D 4E01 08
<<<0x80 0A 9370800F8C8E
8D 4E01 08
Result code
Length of entire data field
Data received from reader
Received value of BCC (if any)
Received value of CRC (if any)
7: RFU
6: RFU
5: CRC error
4: Parity error
3:0: number of significant bits in last byte
ST25R95
Listen command (0x05) description
DS12807 - Rev 4
page 26/61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com