Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R95 Datasheet(PDF) 29 Page - STMicroelectronics

Part # ST25R95
Description  Near field communication transceiver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R95 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button ST25R95 Datasheet HTML 25Page - STMicroelectronics ST25R95 Datasheet HTML 26Page - STMicroelectronics ST25R95 Datasheet HTML 27Page - STMicroelectronics ST25R95 Datasheet HTML 28Page - STMicroelectronics ST25R95 Datasheet HTML 29Page - STMicroelectronics ST25R95 Datasheet HTML 30Page - STMicroelectronics ST25R95 Datasheet HTML 31Page - STMicroelectronics ST25R95 Datasheet HTML 32Page - STMicroelectronics ST25R95 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 61 page
background image
Direction
Data
Comments
Example
ST25R95 to
Host
0x00
Result code
This response is sent only when
ST25R95 exits WFE mode.
<<<0x000101 Wake-up by Timeout
<<<0x000102 Wake-up by tag detect
<<<0x000108 Wake-up by low pulse
on IRQ_IN pin
0x01
Length of data
<Data>
bits function
7:6 LFO prescaler:
00: 1 (fLFO =32 kHz)
01: 2 (fLFO =16 kHz)
10: 4 (fLFO =8 kHz)
11: 8 (fLFO =4 kHz)
5 RFU
4 Wake-up source: low pulse on SPI_SS
3 Wake-up source: low pulse on IRQ_IN
2 Wake-up source: field detected
1 Wake-up source: tag detected
0 Wake-up source: timeout
ST25R95 to
Host
0x82
Error code
<<<0x8200 Invalid command length
0x00
Length of data
1. An initial calibration is necessary to determine DacDataL and DacDataH values required for leaving Tag
Detector state. For more information, contact your ST sales office for the corresponding application note.
5.9.1
Idle command parameters
The Idle command (Host to ST25R95) has the following structure (all values are hexadecimal):
Table 25. Idle command structure
07
0E
xx
yy zz
yy zz
yy zz
aa
bb
cc
dd ee
ff
gg
Command
code
Data
length
WU
source
Enter
Control
WU Control
Leave
Control
WU
Period
Osc
Start
DAC
Start
DAC
Data
Swing
Count
Max
Sleep
Table 26. Summary of Idle command parameters
Parameter
Description
Command
code
This byte is the command code. ‘07’ represents the Idle command. This command switches the device from
Active mode to WFE mode.
Data length
This byte is the length of the command in bytes. Its value depends on the following parameter values.
WU source
7:6
LFO Prescaler
00: 1 (fLFO = 32 kHz)
01: 2 (fLFO = 16 kHz)
10: 4 (fLFO = 8 kHz)
11: 8 (fLFO = 4 kHz)
5
RFU
4
Wake-up sources: Low pulse on SPI_SS
3
Wake-up sources: Low pulse on IRQ_IN
2
Wake-up sources: Field detection
1
Wake-up sources: Tag detection
0
Wake-up sources: Timeout
ST25R95
Idle command (0x07) description
DS12807 - Rev 4
page 29/61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com