Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R95 Datasheet(PDF) 31 Page - STMicroelectronics

Part # ST25R95
Description  Near field communication transceiver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R95 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button ST25R95 Datasheet HTML 27Page - STMicroelectronics ST25R95 Datasheet HTML 28Page - STMicroelectronics ST25R95 Datasheet HTML 29Page - STMicroelectronics ST25R95 Datasheet HTML 30Page - STMicroelectronics ST25R95 Datasheet HTML 31Page - STMicroelectronics ST25R95 Datasheet HTML 32Page - STMicroelectronics ST25R95 Datasheet HTML 33Page - STMicroelectronics ST25R95 Datasheet HTML 34Page - STMicroelectronics ST25R95 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 61 page
background image
Table 27. Ener, WU, and Leave Control resource configuration
Byte/bit
Function
Comments
CtlrL
(byte YY)
7:2 RFU
Must be set to ‘0’
1
Field detector disabled
0 = Field detector disabled
1 = Field detector enabled
-
0
IREF
0 = IREF disabled
1 = IREF enabled
Must to be set to 1 in WUCtrLl for tag detection operations,
otherwise must be put to 0
CtlrH
(byte ZZ)
7
DAC compare index for the first comparison
0 = DacDataL
1 = DacDataH
-
6
RFU
Must be set to ‘0’
5
LFO enable
0 = LFO disabled
1 = LFO enabled
Must be set to 1 in WUCtrlH
4
HFO enable
0 = HFO disabled
1 = HFO enabled
Must be set to 1 in WUCtrll
3
VDDA enable
0 = VDDA disabled
1 = VDDA enabled
Must be set to use HFO
2
Hibernate state enable
0 = Hibernate state disabled
1 = Hibernate state enabled
-
1
RFU
-
0
Sleep state enable
0 = Sleep state disabled
1 = Sleep state enabled
-
ST25R95
Idle command (0x07) description
DS12807 - Rev 4
page 31/61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com