Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R95 Datasheet(PDF) 22 Page - STMicroelectronics

Part # ST25R95
Description  Near field communication transceiver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R95 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button ST25R95 Datasheet HTML 18Page - STMicroelectronics ST25R95 Datasheet HTML 19Page - STMicroelectronics ST25R95 Datasheet HTML 20Page - STMicroelectronics ST25R95 Datasheet HTML 21Page - STMicroelectronics ST25R95 Datasheet HTML 22Page - STMicroelectronics ST25R95 Datasheet HTML 23Page - STMicroelectronics ST25R95 Datasheet HTML 24Page - STMicroelectronics ST25R95 Datasheet HTML 25Page - STMicroelectronics ST25R95 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 61 page
background image
Protocol
Explanation
Command example
Comments
ISO/IEC 14443
Type A
NFC Forum Tag
Type 4A
NFC Forum Tag
Type 1 (Topaz)
NFC Forum Tag
Type 2
Send example
04
07
9370800F
8C8E
28
Example of an NFC Forum Type 2
request sequence:
>>>0x04022607 (REQA)
<<<0x800544002800 (ATQA)
>>>0x0403932008 (Anti-collision
CL1)
<<<0x80088804A8D5F1280000
(UID CL1)...
Example of an NFC Forum Type 1
(Topaz) request sequence:
>>>0x04022607 (REQA)
<<<0x8005000C280000 (ATQ0
ATQ1)
>>>0x040878000000000000A8
(RID)
<<<0x800B11486E567A003E45
080000 (Header0 Header1 UID0 UID
1 UID2 UID3 CRC0 CRC1Signifcant
bits indexColbyte IndexColbit)
Application SW must specify how
many bits to send in the last byte. If
flag SplitFrame is set, ST25R95 will
expect 8 – <significant bit count> bits
in the 1st byte during reception.
In this case, the first byte received is
padded with zeros in lsb to complete
the byte, while the last byte received is
padded with zeros in msb.
Example of an anti-collision command /
response in ISO/IEC 14443_A
communication using a Split frame:
>>>
0x0403932008 (Anticol)
<<<
0x800888047B75B7 B8 0204
(Collision Detected B8)
>>>
0x0406934588040B 45
(Anticol Split frame request 45)
<<<
0x80064074B3 23 0000 (Spilt
frame Answer 23)
This command is useful for anti-
collision.
Command code
Length of entire data field
Data
Transmission flags:
7: Topaz send format. Use EOF instead of parity bit and use SOF
at beginning of each byte. Pause between bytes and assume 1st
byte is 7 bits.
6: SplitFrame
5: Append CRC
4: Parity Framing mode(1)
[3:0]: Number of significant bits in last byte
ISO/IEC 14443
Type B
NFC Forum Tag
Type 4B
Send example
04
03
050000
Example of an NFC Forum Type 4B
request sequence:
>>>0x0403050000 (REQB)
<<<0x800F5077FE01B3000000
000071718EBA00 (ATQB)
Command code
Length of entire data field
Data
ST25R95
Send receive (SendRecv) command (0x04) description
DS12807 - Rev 4
page 22/61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com