Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R95 Datasheet(PDF) 32 Page - STMicroelectronics

Part # ST25R95
Description  Near field communication transceiver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R95 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button ST25R95 Datasheet HTML 28Page - STMicroelectronics ST25R95 Datasheet HTML 29Page - STMicroelectronics ST25R95 Datasheet HTML 30Page - STMicroelectronics ST25R95 Datasheet HTML 31Page - STMicroelectronics ST25R95 Datasheet HTML 32Page - STMicroelectronics ST25R95 Datasheet HTML 33Page - STMicroelectronics ST25R95 Datasheet HTML 34Page - STMicroelectronics ST25R95 Datasheet HTML 35Page - STMicroelectronics ST25R95 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 61 page
background image
5.9.2
Using LFO frequency setting to reduce power consumption
In WFE mode, the high frequency oscillator (HFO) is stopped and most processes being executed are clocked by
the low frequency oscillator (LFO). To minimize the ST25R95 power consumption in WFE mode select the lowest
LFO frequency.
Example 1: Setting a lower LFO frequency
The following equation defines a basic timing reference:
tREF = 256*tL ms (where tL = 1/fLFO)
tREF = 8 ms (when <WU Source> bits [7:6] are set to “00”, or 32 kHz)
tREF = 64 ms (when <WU Source> bits [7:6] are set to “11”, or 4 kHz)
5.9.3
Optimizing wake-up conditions
Using the Wake-up source register, it is possible to accumulate sources for a wake-up event. It is strongly
recommended to always set an external event as a possible wake-up source.
To accumulate wake-up sources, simply set the corresponding bits in the Wake-up source register. For example,
to enable a wake-up when a tag is detected (bit 1 set to ‘1’) or on a low pulse on pin IRQ_IN (bit 3 set to ‘1’), set
the register to 0x0A.
5.9.4
Using various techniques to return to ready state
The Idle command and reply set offers several benefits to users by enabling various methods to return the
ST25R95 to Ready state. Some methods are nearly automatic, such as waiting for a timer overflow or a tag
detection, but others consume more power compared to the ones requesting a host action. A description of each
method follows below.
Default setting: from POR to ready state
After power-on, the ST25R95 enters Power-up state.
To wake up the ST25R95 and set it to Ready state, the user must send a low pulse on the IRQ_IN pin. The
ST25R95 then automatically selects the external interface (SPI) and enters ready state and is able to accept
commands after a maximum delay of 10 ms (t3).
From ready state to hibernate state and back to ready state
In Hibernate state, most resources are switched off to achieve an ultra-low power consumption.
The only way the ST25R95 can wake-up from Hibernate state is by an external event (low pulse on pin IRQ_IN).
A basic Idle command is:
>>>0x07 0E 08 04 00 04 00 18 00 00 00 00 00 00 00 00
Note:
The wake-up flag value is NOT significant when returning to Ready state from hibernate state or after a POR.
From ready state to sleep state and back to ready state
Wake-up by external event (low pulse on IRQ_IN or SPI_SS pin)
In sleep or power-up states, operating resources are limited in function of the selected wake-up source to achieve
a moderate power consumption level.
An Idle command example when wake-up source is pin IRQ_IN:
>>>0x07 0E 08 01 00 38 00 18 00 00 60 00 00 00 00 00
A similar command can be implemented using pin SPI_SS as a wake-up source:
>>>0x07 0E 10 01 00 38 00 18 00 00 60 00 00 00 00 00
Wake-up by timeout
The LFO is required to use the timer. However, this increases the typical power consumption by 80 µA. Several
parameters can be modified to reduce power consumption as much as possible.
The duration before timeout is defined by parameters WU period and MaxSleep, respectively 0x60 and 0x08 in
the following example.
Duration before timeout = 256 * tL * (WU period + 2) * (MaxSleep + 1)
Note:
0x00 < MaxSleep < 0x1F.
ST25R95
Idle command (0x07) description
DS12807 - Rev 4
page 32/61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com