Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R95 Datasheet(PDF) 45 Page - STMicroelectronics

Part # ST25R95
Description  Near field communication transceiver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R95 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button ST25R95 Datasheet HTML 41Page - STMicroelectronics ST25R95 Datasheet HTML 42Page - STMicroelectronics ST25R95 Datasheet HTML 43Page - STMicroelectronics ST25R95 Datasheet HTML 44Page - STMicroelectronics ST25R95 Datasheet HTML 45Page - STMicroelectronics ST25R95 Datasheet HTML 46Page - STMicroelectronics ST25R95 Datasheet HTML 47Page - STMicroelectronics ST25R95 Datasheet HTML 48Page - STMicroelectronics ST25R95 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 61 page
background image
6.3
Power consumption characteristics
TA = –25 °C to 85 °C, unless otherwise specified.
Table 46. Power consumption characteristics (VPS_Main from 2.7 to 3.3 V)
Symbol
Parameter
Condition
Typ.
Max. Unit
ICC (VPS)
Power-up
Supply current in power-up state
TA = 25°C
200
600
µA
ICC (VPS)
Card emulation
Supply current in card emulation mode
TA = 25 °C
2.5
5.0
mA
ICC (VPS) Hibernate
Supply current in Hibernate state
TA = 25 °C
1
5
µA
ICC (VPS) Sleep/Field Detector Supply current in Sleep/Field Detector state
TA = 25 °C
20/25
80
µA
ICC (VPS) Ready
Supply current in Ready state
TA = 25 °C
2.5
5.0
mA
ICC (VPS)
Tag Detect
Average supply current in Tag Detector state
TA = 25 °C, 4 RF bursts per second
50
100
µA
The ST25R95 supports two VPS_TX supply ranges for RF drivers: 2.7V to 3.3V or 4.5V to 5.5V. Antenna
matching circuit must be defined accordingly.
Table 47. Power consumption characteristics (VPS_TX from 2.7 to 3.3 V)
Symbol
Parameter
Condition
Typ.
Max.
Unit
ICC RF (VPS_TX) RF Field ON
Supply current in RF Field (Reader mode) (1)
TA = 25 °C
70
100
mA
ICC RF (VPS_TX) RF Field OFF
Supply current in RF Field (Ready mode) (2)
TA = 25 °C
-
200
µA
ICC RF (VPS_TX) Tag Detect
Peak current during Burst detection (3)
TA = 25 °C
70
100
mA
1. Parameter measured using recommended output matching network (Z load is 27 Ω and 0°).
2. This consumption can be reduced to approximately 2 µA (typ.) by setting a control bit (bit HF2RF) to ‘1’
using command
090468010710. In this case, Reader mode is not available. To re-enable Reader mode,
reset the HF2RF bit to ‘0’ using the command 090468010700 or execute a new ProtocolSelect command.
3. The maximum differential input voltage between pins RX1 and RX2 (VRx1-Rx2) has a peakpeak of 18 V.
Table 48. Power consumption characteristics (VPS_TX from 4.5 to 5.5 V)
Symbol
Parameter
Condition
Typ.
Max.
Unit
ICC RF (VPS_TX) RF Field ON
Supply current in RF Field (Reader mode) (1)
TA = 25 °C
120
200
mA
ICC RF (VPS_TX) RF Field OFF
Supply current in RF Field (Ready mode) (2)
TA = 25 °C
-
300
µA
ICC RF (VPS_TX) Tag Detect
Peak current during Burst detection (3)
TA = 25 °C
120
200
mA
1. Parameter measured using recommended output matching network (Z load is 27 Ω and 0°C).
2. This consumption can be reduced to approximately 2 µA (typ.) by setting a control bit (bit HF2RF) to ‘1’
using command
090468010710. In this case, reader mode is not available. To re-enable Reader mode,
reset the HF2RF bit to ‘0’ using the command 090468010700 or execute a new ProtocolSelect command.
3. The maximum differential input voltage between pins RX1 and RX2 (VRx1-Rx2) has a peakpeak of 18 V.
This voltage can be limited by adding a damping resistor in parallel of the antenna or between ST_Ro and
ground.
ST25R95
Power consumption characteristics
DS12807 - Rev 4
page 45/61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com