Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R95 Datasheet(PDF) 23 Page - STMicroelectronics

Part # ST25R95
Description  Near field communication transceiver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R95 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button ST25R95 Datasheet HTML 19Page - STMicroelectronics ST25R95 Datasheet HTML 20Page - STMicroelectronics ST25R95 Datasheet HTML 21Page - STMicroelectronics ST25R95 Datasheet HTML 22Page - STMicroelectronics ST25R95 Datasheet HTML 23Page - STMicroelectronics ST25R95 Datasheet HTML 24Page - STMicroelectronics ST25R95 Datasheet HTML 25Page - STMicroelectronics ST25R95 Datasheet HTML 26Page - STMicroelectronics ST25R95 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 61 page
background image
Protocol
Explanation
Command example
Comments
FeliCa™
NFC Forum Tag
Type 3
Send example
04
05
00FFFF0000
Example of an FeliCa™ / NFC Forum
Type 3 request sequence:
>>>0x040500FFFF0000
(SENSF_REQ)
<<<0x801201010102148E0DB4
13100B4B428485D0FF00
(SENSF_RES)
Command code
Length of entire data field
Data
1. If parity framing mode is used (Bit 4 of transmission flag byte is set to ‘1’), then the parity bit must be coded inside the data
for each byte to be sent using the send/receive command in transmit mode, and is not decoded by the ST25R95 in receive
mode. In Receive mode, each data byte is accompanied by an additional byte which encodes the parity: <data byte> <parity
byte> <data byte > . Examples of data received by send / receive in Parity Framing mode:
•
80 05 32 80 34 00 00
meaning: if the ST25R95 received 2 data bytes:
•
0x32 with parity = ‘1’ (0x80) and 0x34 with parity = ‘0’ (0x0) in parity framing mode.
The parity framing mode is compatible with MIFARE® classic requirements. However, access to authenticated state
must be supported by the external secure host which embeds the MIFARE® classic library.
Figure 11. Data transfer (in both command and response) when Parity Framing mode is enabled
Bytes
X X X X X X X X
2nd CRC
Data Byte
sent or
P 0 0 0 0 0 0 0
Parity Byte
.... .... ....
P 0 0 0 0 0 0 0
2nd CRC Byte
Parity Byte
received
Table 17. List of <Data> response values for the SendRecv command for different protocols
Protocol
Explanation
Response example
Comments
ISO/IEC 15693
NFC Forum Tag
Type 5
Response
example
80
08
0000000000 77CF
00
This is a response to Read
Single Block command for
ISO/IEC 15693 TAG. Actual
TAG response is
<<<
0x000000000077CF,
other fields are added by the
ST25R95.
Result code
Length of entire data field
Data received from tag
Original (received) value of CRC
[7:2]: RFU
1: CRC error if set
0: Collision is detected if set
ST25R95
Send receive (SendRecv) command (0x04) description
DS12807 - Rev 4
page 23/61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com