Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R95 Datasheet(PDF) 11 Page - STMicroelectronics

Part # ST25R95
Description  Near field communication transceiver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R95 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ST25R95 Datasheet HTML 7Page - STMicroelectronics ST25R95 Datasheet HTML 8Page - STMicroelectronics ST25R95 Datasheet HTML 9Page - STMicroelectronics ST25R95 Datasheet HTML 10Page - STMicroelectronics ST25R95 Datasheet HTML 11Page - STMicroelectronics ST25R95 Datasheet HTML 12Page - STMicroelectronics ST25R95 Datasheet HTML 13Page - STMicroelectronics ST25R95 Datasheet HTML 14Page - STMicroelectronics ST25R95 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 61 page
background image
4.1.2
Interrupt mode
When the ST25R95 is ready to send back a reply, it sends an Interrupt Request by setting a low level on pin
IRQ_OUT, which remains low until the host reads the data.
The application can use the Interrupt mode to skip the polling stage.
4.2
Error codes
Table 6. Possible error codes and their meaning
Code
Name
Meaning
0X63
EEmdSOFerror23
SOF error in high part (duration 2 to 3 etu) in ISO/IEC 14443B
0x65
EEmdSOFerror10
SOF error in low part (duration 10 to 11 etu) in ISO/IEC 14443B
0x66
EEmdEgt
Error Extennded Guard Time error in ISO/IEC 14443B
0x67
ETr1 Too Big
Too long TR1 send by the card, reception stopped in ISO/IEC 14443BT
0x68
ETr1Too small
Too small TR1 send by the card in ISO/IEC 14443B
0x71
EinternalError
Wong frame format decodes
0x80
EFrameRecvOK
Frame correctly received (additionally see CRC/Parity information)
0x82
EInvalidCmdLen
Invalid command length
0x83
EInvalidProto
Invalid protocol
0x85
EUserStop
Stopped by user (used only in Card mode)
0x86
ECommError
Hardware communication error
0x87
EFrameWaitTOut
Frame wait time out (no valid reception)
0x88
EInvalidSof
Invalid SOF
0x89
EBufOverflow
Too many bytes received and data still arriving
0x8A
EFramingError
if start bit = 1 or stop bit = 0
0x8B
EEgtError
EGT time out
0x8C
EInvalidLen
Valid for FeliCa™, if Length <3
0x8D
ECrcError
CRC error, Valid only for FeliCa™
0x8E
ERecvLost
When reception is lost without EOF received (or subcarrier was lost)
0x8F
ENoField
When Listen command detects the absence of external field
0x90
EUnintByte
Residual bits in last byte. Useful for ACK/NAK reception of ISO/IEC 14443 Type A.
Note:
In response to some commands the ST25R95 may provide data in addition to the error code. It is therefore
necessary to always read the length byte and any appended data even if the response code indicates an error
condition.
ST25R95
Error codes
DS12807 - Rev 4
page 11/61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com