Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R95 Datasheet(PDF) 3 Page - STMicroelectronics

Part # ST25R95
Description  Near field communication transceiver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R95 Datasheet(HTML) 3 Page - STMicroelectronics

  ST25R95 Datasheet HTML 1Page - STMicroelectronics ST25R95 Datasheet HTML 2Page - STMicroelectronics ST25R95 Datasheet HTML 3Page - STMicroelectronics ST25R95 Datasheet HTML 4Page - STMicroelectronics ST25R95 Datasheet HTML 5Page - STMicroelectronics ST25R95 Datasheet HTML 6Page - STMicroelectronics ST25R95 Datasheet HTML 7Page - STMicroelectronics ST25R95 Datasheet HTML 8Page - STMicroelectronics ST25R95 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 61 page
background image
1.2
Clock management
The ST25R95 incorporates two clock sources, a high frequency oscillator (HFO) and a low frequency oscillator
(LFO).
The HFO uses an external 27.12 MHz crystal to generate the internal system clock and the clock for the drivers to
generate the RF field.
The LFO uses an internal 32 kHz RC oscillator to generate a slow system clock for low power operation modes.
In card emulation mode, a built-in clock recovery block is available which recovers the clock from the external HF
field. This block can be selected instead of HFO by setting the ClkRec bit in the Protocol Select command.
1.3
Power supply
The ST25R95 has two power supply pins:
•
VPS: supply of digital and analog blocks
•
VPS_TX: direct supply of the driver stage
1.4
List of terms
Table 1. List of terms
Term
Meaning
AFE
Analog front end
DAC
Digital analog converter
FDT
Frame delay time
FWT
Frame waiting time
GND
Ground
HFO
High frequency oscillator
LFO
Low frequency oscillator
MCU
Microcontroller unit
MIFARE (1)
Communication protocol
NFC
Near field communication
RFID
Radio frequency identification
RFU
Reserved for future use
RWT
Response waiting time
SPI
Serial peripheral interface
tL
Low frequency period
tREF
Reference time
WFE
Wait for event
1. MIFARE® and MIFARE® Classic are registered trademarks of NXP BV.
ST25R95
Clock management
DS12807 - Rev 4
page 3/61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com