Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R95 Datasheet(PDF) 60 Page - STMicroelectronics

Part # ST25R95
Description  Near field communication transceiver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R95 Datasheet(HTML) 60 Page - STMicroelectronics

Back Button ST25R95 Datasheet HTML 53Page - STMicroelectronics ST25R95 Datasheet HTML 54Page - STMicroelectronics ST25R95 Datasheet HTML 55Page - STMicroelectronics ST25R95 Datasheet HTML 56Page - STMicroelectronics ST25R95 Datasheet HTML 57Page - STMicroelectronics ST25R95 Datasheet HTML 58Page - STMicroelectronics ST25R95 Datasheet HTML 59Page - STMicroelectronics ST25R95 Datasheet HTML 60Page - STMicroelectronics ST25R95 Datasheet HTML 61Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 60 / 61 page
background image
List of figures
Figure 1.
ST25R95 application overview ......................................................... 2
Figure 2.
ST25R95 block diagram ............................................................. 2
Figure 3.
ST25R95 pinout description ........................................................... 4
Figure 4.
ST25R95 initialization and operating state change ........................................... 7
Figure 5.
Power-up sequence ................................................................ 7
Figure 6.
Sending command to ST25R95 ........................................................ 9
Figure 7.
Polling the ST25R95 until it is ready ..................................................... 9
Figure 8.
Reading data from ST25R95 ......................................................... 10
Figure 9.
Reset the ST25R95................................................................ 10
Figure 10.
Long frame format................................................................. 12
Figure 11.
Data transfer (in both command and response) when Parity Framing mode is enabled ................. 23
Figure 12.
SPI timing diagram (Slave mode and CPOL = 0, CPHA = 0) .................................... 46
Figure 13.
SPI timing diagram (Slave mode and CPOL = 1, CPHA = 1) .................................... 47
Figure 14.
Typical application with a 27.12 MHz crystal ............................................... 49
Figure 15.
VFQFPN - 32 pins, 5x5 mm, 0.5 mm pitch very thin profile fine pitch quad flat package outline ............ 50
Figure 16.
VFQFPN - 32 pins, 5x5 mm, 0.5 mm pitch very thin profile fine pitch quad flat package recommended footprint 52
ST25R95
List of figures
DS12807 - Rev 4
page 60/61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com