Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R95 Datasheet(PDF) 15 Page - STMicroelectronics

Part # ST25R95
Description  Near field communication transceiver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R95 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button ST25R95 Datasheet HTML 11Page - STMicroelectronics ST25R95 Datasheet HTML 12Page - STMicroelectronics ST25R95 Datasheet HTML 13Page - STMicroelectronics ST25R95 Datasheet HTML 14Page - STMicroelectronics ST25R95 Datasheet HTML 15Page - STMicroelectronics ST25R95 Datasheet HTML 16Page - STMicroelectronics ST25R95 Datasheet HTML 17Page - STMicroelectronics ST25R95 Datasheet HTML 18Page - STMicroelectronics ST25R95 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 61 page
background image
Note:
There is no ‘Field ON’ command. When the application selects an RF communication protocol, the field
automatically switches ON if the Reader state is selected.
When the application selects a protocol, the ST25R95 performs all necessary settings: it will choose the
appropriate reception and transmission chains, switch ON or OFF the RF field and connect the antenna
accordingly.
Different protocols have different sets of parameters. Values for the <Parameters> field are listed in Table 12.
Table 12. List of <Parameters> values for the ProtocolSelect command for different protocols (Reader)
Protocol
Code
Parameters
Examples of commands
Byte
Bit
Function
Field OFF
0x00
0
7:0
RFU
>>>0x020100
ISO/IEC 15693
NFC Forum Tag Type 5
0x01
0
7:6
RFU
H 100 S:
>>>0x02 02 01 01
H 100 D:
>>>0x02 02 01 03
H 10 S:
>>>0x02 02 01 05
H 10 D:
>>>0x02 02 01 07
L 100 S:
>>>0x02 02 01 21
L 100 D:
>>>0x02 02 01 23
L 10 S:
>>>0x02 02 01 25
L 10 D:
>>>0x02 02 01 27
In these examples, the CRC is
automatically appended.
5:4
00: 26 Kbps (H)
01: 52 Kbps
10: 6 Kbps (L)
11: RFU
3
0: Respect 312-µs delay
1: Wait for SOF
2
0: 100% modulation (100)
1: 10% modulation (10)
1
0: Single subcarrier (S)
1: Dual subcarrier (D)
0
0: no CRC appended
1: automatically append CRC
ISO/IEC 14443 Type A
NFC Forum Tag Type 1
(Topaz)
NFC Forum Tag Type 2
NFC Forum Tag Type
4A
0x02
0
7:6
Transmission data rate
00: 106 Kbps
01: 212 Kbps
10: 424 Kbps
11: RFU
>>>0x02020200: ISO/IEC 14443
Type A tag, 106 Kbps transmission and
reception rates, FDT 86/90 µs
5:4
Reception data rate
00: 106 Kbps
01: 212 Kbps
10: 424 Kbps
11: RFU
3:0
RFU
1
7:0
PP
(0x00 - 0x0E, other values RFU)
When there is PP, MM must also be
provided.
These 3 bytes are optional. The default
PP:MM:DD value is 0
(corresponds to FDT 86/90µs).
For other values, FDT = (2^PP)*(MM
+1)*(DD+128) *32/13.56 µs
2
7:0
MM
3
7:0
DD (0x00 - 0x7F, other values RFU)
ST25R95
Protocol select command (0x02) description
DS12807 - Rev 4
page 15/61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com