Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R95 Datasheet(PDF) 37 Page - STMicroelectronics

Part # ST25R95
Description  Near field communication transceiver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R95 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button ST25R95 Datasheet HTML 33Page - STMicroelectronics ST25R95 Datasheet HTML 34Page - STMicroelectronics ST25R95 Datasheet HTML 35Page - STMicroelectronics ST25R95 Datasheet HTML 36Page - STMicroelectronics ST25R95 Datasheet HTML 37Page - STMicroelectronics ST25R95 Datasheet HTML 38Page - STMicroelectronics ST25R95 Datasheet HTML 39Page - STMicroelectronics ST25R95 Datasheet HTML 40Page - STMicroelectronics ST25R95 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 61 page
background image
How to modify analog register configuration register (ARC_B) values
•
Use the ProtocolSelect command (
0x02) to select the correct communication protocol.
For example, to select the FeliCa™ protocol:
•
Send ProtocolSelect command:
•
ST25R95 reply
>>>
0x02020451
<<<
0x0000
•
Read the analog register configuration register (ARC_B) value.
•
Write the ARC_B register index at 0x01:
•
ST25R95 reply:
>>>
0x0903680001
<<<
0x0000
•
Read the ARC_B register value:
•
ST25R95 reply:
>>>
0x0803690100
<<<
0x00015F
In this example, the ARC_B register value is
0x5F, where “5” is the modulation index and “F” is the receiver gain.
•
Modify the Modulation Index and Receiver Gain values with 0x23.
•
Write the ARC_B register index:
•
ST25R95 reply:
>>>
0x090468010123
<<<
0x0000
•
Read the Analog Configuration register (ARC_B) value
•
Write the ARC_B register index at 0x01:
•
ST25R95 reply:
>>>
0x0903680001
<<<
0x0000
•
Read the ARC_B register value:
•
ST25R95 reply:
>>>
0x0803690100
<<<
0x000123
Modulation index and receiver gain values
Table 31. Possible modulation index values
Code
1
2
3
4
5
6
D
Modulation Index (1)
10%
17%
25%
30%
33%
36%
95%
1. Characterized only using ISO/IEC 10373 test set-up.
Table 32. Possible receiver gain values
Code
0
1
3
7
F
Receiver Gain (1)
34 dB
32 dB
27 dB
20 dB
8 dB
1. Characterized by design simulation.
ST25R95
Write Register (WrReg) command (0x09) description
DS12807 - Rev 4
page 37/61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com