Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R95 Datasheet(PDF) 24 Page - STMicroelectronics

Part # ST25R95
Description  Near field communication transceiver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R95 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button ST25R95 Datasheet HTML 20Page - STMicroelectronics ST25R95 Datasheet HTML 21Page - STMicroelectronics ST25R95 Datasheet HTML 22Page - STMicroelectronics ST25R95 Datasheet HTML 23Page - STMicroelectronics ST25R95 Datasheet HTML 24Page - STMicroelectronics ST25R95 Datasheet HTML 25Page - STMicroelectronics ST25R95 Datasheet HTML 26Page - STMicroelectronics ST25R95 Datasheet HTML 27Page - STMicroelectronics ST25R95 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 61 page
background image
Protocol
Explanation
Response example
Comments
ISO/IEC 14443
Type A
NFC Forum Tag
Type 4A
NFC Forum Tag
Type 1
(Topaz)
NFC Forum Tag
Type 2
Response
example
80 or
90 (1)
09
80B30B8DB500
00
00
00
ISO/IEC 14443-A is bit
oriented protocol, so we can
receive non-integer amount of
bytes. Number of significant
bits in the 1st byte is the same
as indicated in the command
sent.
To calculate a position of a
collision, application has to
take index of byte first. Index
of bit indicates a position
inside this byte. Note that both
indexes start from 0 and bit
index can be 8, meaning that
collision affected parity.
Note that collision information
is only valid when bit ‘Collision
is detected’ is set (2).
Result code
Length of entire data field
Data received from TAG (including CRC if present)
7: Collision is detected
6: RFU
5: CRC error
4: Parity error
[3:0]: Shows how many significant bits are there in the first byte
7:0: Index of the first byte where collision is detected
[7:4]: RFU
[3:0]: Index of the first bit where collision is detected
ISO/IEC 14443
Type B
NFC Forum Tag
Type 4B
Response
example
80
0F
5092036A8D
0000000000
7171
3411
00
-
Result code
Length of entire data field
Data received from tag
Original (received) value of CRC
[7:2]: RFU
1: CRC error if set
0: RFU
FeliCa™
NFC Forum Tag
Type 3
Response
example
80
12
01010105017B0...93FF
00
<<<0x801201010105017
B06941004014B024F499
3FF00
Result code
Length of entire data field
Data received from tag (not including CRC)
[7:2]: RFU
1: CRC error if set
0: RFU
1. Result code 90: Response is decoded but number of byte is not an integer.
2. The collision information is only present for ISO14443A protocol with a bit rate of 106 kbps for transmission
and reception. When other protocols or bit rates are selected, the two additional bytes are not transmitted.
If Parity Framing mode is used, the parity bit stays unchanged. On transmission, it is not encoded and on
reception it is not decoded. The length of Data must be even. Each data byte is accompanied by an additional
byte which encodes the parity:
<DataByte>, <Parity>, <DataByte>, <Parity> …
Table 18. Structure of Parity byte
Bit
Description
7
Parity bit
[6:0]
Reserved for future use
ST25R95
Send receive (SendRecv) command (0x04) description
DS12807 - Rev 4
page 24/61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com