Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R95 Datasheet(PDF) 38 Page - STMicroelectronics

Part # ST25R95
Description  Near field communication transceiver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R95 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button ST25R95 Datasheet HTML 34Page - STMicroelectronics ST25R95 Datasheet HTML 35Page - STMicroelectronics ST25R95 Datasheet HTML 36Page - STMicroelectronics ST25R95 Datasheet HTML 37Page - STMicroelectronics ST25R95 Datasheet HTML 38Page - STMicroelectronics ST25R95 Datasheet HTML 39Page - STMicroelectronics ST25R95 Datasheet HTML 40Page - STMicroelectronics ST25R95 Datasheet HTML 41Page - STMicroelectronics ST25R95 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 61 page
background image
How to modify analog register configuration register (ACC_A) values
Use the ProtocolSelect command (
0x02) to select the correct communication protocol.
For example, to select the ISO/IEC 14443-A card emulation protocol:
Send ProtocolSelect command:
ST25R95 reply
>>>
0x02021208
<<<
0x0000
Read the analog register configuration register (ACC_A) value.
Write the ACC_A register index at 0x04:
ST25R95 reply:
>>>
>>>0x0903680004
<<<
0x0000
Read the ACC_A register value:
ST25R95 reply:
>>>
0x0803690100
<<<
0x000127
In this example, the ACC_A register value is
0x27, where “2” is the demodulator sensitivity and “7” is the load
modulation index.
Modify the load modulation index values with 0x25.
Write the ARC_A register index:
ST25R95 reply:
>>>
0x090468010425
<<<
0x0000
Read the analog configuration register (ACC_A) value.
Write the ACC_A register index at 0x04:
ST25R95 reply:
>>>
0x0903680004
<<<
0x0000
Read the ARC_A register value:
ST25R95 reply: <<<
>>>
0x0803690100
<<<
0x000125
Load modulation index and demodulator sensitivity values
Table 33. Possible load modulation index values
Code (bits [3:0] of ACC_A register)
1
2
...
7
...
E
F
Load modulation index
Min.
-
-
Default
-
-
Max.
Table 34. Possible demodulator sensitivity values
Code (bits [5:4] of ACC_A register)
0x1
0x2
Demodulator Sensitivity (1)
10%
100%
1. Characterized by design simulation.
Note:
Bits [7:6] of ACC_A register are RFU and must set to ‘0’.
ST25R95
Write Register (WrReg) command (0x09) description
DS12807 - Rev 4
page 38/61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com