Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 213 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 213 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 209Page - Cirrus Logic CS47L35 Datasheet HTML 210Page - Cirrus Logic CS47L35 Datasheet HTML 211Page - Cirrus Logic CS47L35 Datasheet HTML 212Page - Cirrus Logic CS47L35 Datasheet HTML 213Page - Cirrus Logic CS47L35 Datasheet HTML 214Page - Cirrus Logic CS47L35 Datasheet HTML 215Page - Cirrus Logic CS47L35 Datasheet HTML 216Page - Cirrus Logic CS47L35 Datasheet HTML 217Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 300 page
background image
DS1085F3
213
CS47L35
4.18 Control-Write Sequencer
As many as four audio sample rates can be configured for automatic detection; these sample rates are selected using the
SAMPLE_RATE_DETECT_n fields. If a selected audio sample rate is detected, the control-write sequencer is triggered.
The applicable start index location within the sequencer memory is separately configurable for each detected sample rate.
The WSEQ_SAMPLE_RATE_DETECT_A_INDEX field defines the sequencer start index corresponding to the SAMPLE_
RATE_DETECT_A sample rate. Equivalent start index fields are defined for the other sample rates, as described in
Table 4-103.
Note that a sequencer start index of 0x1FF causes the respective sequence to be aborted.
The automatic sample-rate detection control sequences are undefined following power-on reset, a hardware reset, or a
Sleep Mode transition. The automatic sample-rate detection control sequences must be reconfigured by the host
processor following any of these events. Note that all control sequences are maintained in the sequencer memory through
software reset.
See Section 4.16 for further details of the automatic sample-rate detection function.
4.18.3 DRC Signal-Detect Sequences
The DRC function within the CS47L35 digital core provides a configurable signal-detect function. This allows the signal
level at the DRC input to be monitored and used to trigger other events.
The DRC signal-detect functions are enabled and configured using the fields described in Table 4-13 and Table 4-14 for
DRC1 and DRC2 respectively.
A control-write sequence can be associated with a rising edge and/or a falling edge of the DRC1 signal-detect output. This
is enabled by setting DRC1_WSEQ_SIG_DET_ENA, as described in Table 4-13.
Note that signal detection is supported on DRC1 and DRC2, but the triggering of the control-write sequencer is available
on DRC1 only.
When the DRC signal-detect sequence is enabled, the control-write sequencer is triggered whenever the DRC1
signal-detect output transitions (high or low). The applicable start index location within the sequencer memory is separately
configurable for each logic condition.
The WSEQ_DRC1_SIG_DET_RISE_SEQ_INDEX field defines the sequencer start index corresponding to a DRC1
signal-detect rising edge event, as described in Table 4-104. The WSEQ_DRC1_SIG_DET_FALL_SEQ_INDEX field
defines the sequencer start index corresponding to a DRC1 signal-detect falling edge event.
Note that a sequencer start index of 0x1FF causes the respective sequence to be aborted.
The DRC signal-detect sequences cannot be independently enabled for rising and falling edges. Instead, a start index of
0x1FF can be used to disable the sequence for either edge, if required.
Table 4-103. Write Sequence Control—Automatic Sample-Rate Detection
Register Address
Bit
Label
Default
Description
R97 (0x0061)
Sample_Rate_
Sequence_Select_1
8:0
WSEQ_SAMPLE_
RATE_DETECT_
A_INDEX[8:0]
0x1FF Sample Rate A Write Sequence start index. Contains the index location in the
sequencer memory of the first command in the sequence associated with Sample
Rate A detection.
Valid from 0 to 251 (0x0FB).
R98 (0x0062)
Sample_Rate_
Sequence_Select_2
8:0
WSEQ_SAMPLE_
RATE_DETECT_
B_INDEX[8:0]
0x1FF Sample Rate B Write Sequence start index. Contains the index location in the
sequencer memory of the first command in the sequence associated with Sample
Rate B detection.
Valid from 0 to 251 (0x0FB).
R99 (0x0063)
Sample_Rate_
Sequence_Select_3
8:0
WSEQ_SAMPLE_
RATE_DETECT_
C_INDEX[8:0]
0x1FF Sample Rate C Write Sequence start index. Contains the index location in the
sequencer memory of the first command in the sequence associated with Sample
Rate C detection.
Valid from 0 to 251 (0x0FB).
R100 (0x0064)
Sample_Rate_
Sequence_Select_4
8:0
WSEQ_SAMPLE_
RATE_DETECT_
D_INDEX[8:0]
0x1FF Sample Rate D Write Sequence start index. Contains the index location in the
sequencer memory of the first command in the sequence associated with Sample
Rate D detection.
Valid from 0 to 251 (0x0FB).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com