Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 211 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 211 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 207Page - Cirrus Logic CS47L35 Datasheet HTML 208Page - Cirrus Logic CS47L35 Datasheet HTML 209Page - Cirrus Logic CS47L35 Datasheet HTML 210Page - Cirrus Logic CS47L35 Datasheet HTML 211Page - Cirrus Logic CS47L35 Datasheet HTML 212Page - Cirrus Logic CS47L35 Datasheet HTML 213Page - Cirrus Logic CS47L35 Datasheet HTML 214Page - Cirrus Logic CS47L35 Datasheet HTML 215Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 300 page
background image
DS1085F3
211
CS47L35
4.18 Control-Write Sequencer
Note: The mechanism for queuing multiple sequence requests has limitations when the WSEQ_START bit is used to
trigger the write sequencer. If a sequence is initiated using the WSEQ_START bit, no other control sequences
should be triggered until the sequence completes. The WSEQ_BUSY bit (described in Table 4-108) provides an
indication of the sequencer status and can be used to confirm the sequence has completed.
Multiple control sequences triggered by any other method are queued if necessary, and scheduled in turn.
The write sequencer can be interrupted by writing 1 to the WSEQ_ABORT bit. Note that this command only aborts a
sequence that is currently running; if other sequence commands are pending and not yet started, these sequences are
not aborted by writing to the WSEQ_ABORT bit.
The write sequencer stores up to 252 register-write commands. These are defined in registers R12288 (0x3000) through
R12790 (0x31F6). See Table 4-109 for a description of these registers.
Table 4-102. Write Sequencer Control—Initiating a Sequence
Register Address
Bit
Label
Default
Description
R22 (0x0016)
Write_Sequencer_
Ctrl_0
11
WSEQ_ABORT
0
Writing 1 to this bit aborts the current sequence.
10
WSEQ_START
0
Writing 1 to this bit starts the write sequencer at the index location selected by WSEQ_
START_INDEX. At the end of the sequence, this bit is reset by the write sequencer.
9
WSEQ_ENA
0
Write Sequencer Enable
0 = Disabled
1 = Enabled
Only applies to sequences triggered using the WSEQ_START bit.
8:0
WSEQ_
START_
INDEX[8:0]
0x000 Sequence Start Index. Contains the index location in the sequencer memory of the first
command in the selected sequence.
Only applies to sequences triggered using the WSEQ_START bit.
Valid from 0 to 251 (0x0FB).
R66 (0x0042)
Spare_Triggers
15
WSEQ_TRG16
0
Write Sequence Trigger 16
Write 1 to trigger
14
WSEQ_TRG15
0
Write Sequence Trigger 15
Write 1 to trigger
13
WSEQ_TRG14
0
Write Sequence Trigger 14
Write 1 to trigger
12
WSEQ_TRG13
0
Write Sequence Trigger 13
Write 1 to trigger
11
WSEQ_TRG12
0
Write Sequence Trigger 12
Write 1 to trigger
10
WSEQ_TRG11
0
Write Sequence Trigger 11
Write 1 to trigger
9
WSEQ_TRG10
0
Write Sequence Trigger 10
Write 1 to trigger
8
WSEQ_TRG9
0
Write Sequence Trigger 9
Write 1 to trigger
7
WSEQ_TRG8
0
Write Sequence Trigger 8
Write 1 to trigger
6
WSEQ_TRG7
0
Write Sequence Trigger 7
Write 1 to trigger
5
WSEQ_TRG6
0
Write Sequence Trigger 6
Write 1 to trigger
4
WSEQ_TRG5
0
Write Sequence Trigger 5
Write 1 to trigger
3
WSEQ_TRG4
0
Write Sequence Trigger 4
Write 1 to trigger
2
WSEQ_TRG3
0
Write Sequence Trigger 3
Write 1 to trigger
1
WSEQ_TRG2
0
Write Sequence Trigger 2
Write 1 to trigger
0
WSEQ_TRG1
0
Write Sequence Trigger 1
Write 1 to trigger



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com