Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 207 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 207 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 203Page - Cirrus Logic CS47L35 Datasheet HTML 204Page - Cirrus Logic CS47L35 Datasheet HTML 205Page - Cirrus Logic CS47L35 Datasheet HTML 206Page - Cirrus Logic CS47L35 Datasheet HTML 207Page - Cirrus Logic CS47L35 Datasheet HTML 208Page - Cirrus Logic CS47L35 Datasheet HTML 209Page - Cirrus Logic CS47L35 Datasheet HTML 210Page - Cirrus Logic CS47L35 Datasheet HTML 211Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 300 page
background image
DS1085F3
207
CS47L35
4.17 Control Interface
Continuous read and write modes enable multiple register operations to be scheduled faster than is possible with single
register operations. In these modes, the CS47L35 automatically increments the register address at the end of each data
word, for as long as SS is held low and SCLK is toggled. Successive data words can be input/output every 16 (or 32) clock
cycles (depending on the applicable register address space).
The SPI protocol is shown in Fig. 4-66 and Fig. 4-67. Note that 16-bit data words are shown, but the equivalent protocol
also applies to 32-bit data words.
Fig. 4-66 shows a single register write to a specified address.
Figure 4-66. Control Interface SPI Register Write (16-Bit Data Words)
Fig. 4-67 shows a single register read from a specified address.
Figure 4-67. Control Interface SPI Register Read (16-Bit Data Words)
4.17.2 Two-Wire (I2C) Control Mode
The I2C control interface mode is supported on CIF2 only and uses the respective SCLK and SDA pins.
In I2C Mode, the CS47L35 is a slave device on the control interface; SCLK is a clock input, while SDA is a bidirectional
data pin. To allow arbitration of multiple slaves (and/or multiple masters) on the same interface, the CS47L35 transmits
Logic 1 by tristating the SDA pin, rather than pulling it high. An external pull-up resistor is required to pull the SDA line high
so that the Logic 1 can be recognized by the master.
In order to allow many devices to share a single two-wire control bus, every device on the bus has a unique 8-bit device
ID (this is not the same as the address of each register in the CS47L35).
The CS47L35 device ID is 0011_0100 (0x34). Note that the LSB of the device ID is the read/write bit; this bit is set to Logic
1 for read and Logic 0 for write.
The CS47L35 operates as a slave device only. The controller indicates the start of data transfer with a high-to-low
transition on SDA while SCLK remains high. This indicates that a device ID and subsequent address/data bytes follow.
The CS47L35 responds to the start condition and shifts in the next 8 bits on SDA (8-bit device ID, including read/write bit,
MSB first). If the device ID received matches the device ID of the CS47L35, the CS47L35 responds by pulling SDA low
on the next clock pulse (ACK). If the device ID is not recognized or the R/W bit is set incorrectly, the CS47L35 returns to
the idle condition and waits for a new start condition.
If the device ID matches the device ID of the CS47L35, the data transfer continues. The controller indicates the end of
data transfer with a low-to-high transition on SDA while SCLK remains high. After receiving a complete address and data
sequence the CS47L35 returns to the idle state and waits for another start condition. If a start or stop condition is detected
out of sequence at any point during data transfer (i.e., SDA changes while SCLK is high), the device returns to the idle
condition.
A30
MOSI
SCLK
31-bit register address
16-bit data word
R/W
SS
A29
X
X
X
X
B14
B0
B1
A1
A0
B15
16-bit padding
A30
MOSI
SCLK
31-bit register address
16-bit data word
MISO
R/W
SS
A29
X
X
X
X
X
X
X
B14
B0
B1
A1
A0
X
B15
16-bit padding



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com