Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 205 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 205 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 201Page - Cirrus Logic CS47L35 Datasheet HTML 202Page - Cirrus Logic CS47L35 Datasheet HTML 203Page - Cirrus Logic CS47L35 Datasheet HTML 204Page - Cirrus Logic CS47L35 Datasheet HTML 205Page - Cirrus Logic CS47L35 Datasheet HTML 206Page - Cirrus Logic CS47L35 Datasheet HTML 207Page - Cirrus Logic CS47L35 Datasheet HTML 208Page - Cirrus Logic CS47L35 Datasheet HTML 209Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 300 page
background image
DS1085F3
205
CS47L35
4.16 Clocking and Sample Rates
Table 4-98 shows example FLL settings for generating an oscillator frequency (FVCO) of 294.912 MHz from a variety of
low- and high-frequency reference inputs, with the synchronizer enabled. The main loop and the synchronizer loop must
each be configured according to the respective input source.
Note that, if the FLL synchronizer is enabled, the recommended settings for the main loop are not the same as those
described in Table 4-97.
Table 4-98. Example FLL Settings—Synchronizer Enabled
FLL (Main Loop) Settings
FSOURCE
FVCO (MHz) 1
1.FVCO =(FSOURCE/FREF Divider) × 3 × N.K × FRATIO
FREF
Divider 2
2.See Table 4-96 for the coding of the FLL1_REFCLK_DIV and FLL1_FRATIO fields.
FRATIO 2
N.K 3
3.N.K values are represented in the FLL1_N, FLL1_THETA, and FLL1_LAMBDA fields.
FLL1_N
FLL1_
THETA
FLL1_
LAMBDA
FLL1_
GAIN
FLL1_
PHASE_
ENA
32.000 kHz
294.912
1
4
768
0x300
0x0000
0x0000
0x0
0
32.768 kHz
294.912
1
3
1000
0x3E8
0x0000
0x0000
0x0
0
48 kHz
294.912
1
3
682.6667
0x2AA
0xAAAA
0x0000
0x0
0
128 kHz
294.912
1
1
768
0x300
0x0000
0x0000
0x2
0
512 kHz
294.912
1
1
192
0x0C0
0x0000
0x0000
0x3
0
1.536 MHz
294.912
1
1
64
0x040
0x0000
0x0000
0x4
0
3.072 MHz
294.912
1
1
32
0x020
0x0000
0x0000
0x4
0
11.2896 MHz
294.912
1
1
8.7075
0x008
0xB51D
0x0000
0x5
0
12.000 MHz
294.912
1
1
8.192
0x008
0x3126
0x0000
0x5
0
12.288 MHz
294.912
1
1
8
0x008
0x0000
0x0000
0x5
0
13.000 MHz
294.912
1
1
7.5618
0x007
0x8FD5
0x0000
0x5
0
19.200 MHz
294.912
2
1
10.24
0x00A
0x3D70
0x0000
0x5
0
24 MHz
294.912
2
1
8.192
0x008
0x3126
0x0000
0x5
0
26 MHz
294.912
2
1
7.5618
0x007
0x8FD5
0x0000
0x5
0
27 MHz
294.912
2
1
7.2818
0x007
0x4822
0x0000
0x5
0
FLL (Synchronizer Loop) Settings
FSOURCE
FVCO (MHz) 4
4.FVCO =(FSOURCE/FSYNC Divider) × 3 × N.K × FRATIO
FSYNC
Divider 5
5.See Table 4-96 for the coding of the FLL1_SYNCCLK_DIV and FLL1_SYNC_FRATIO fields.
FRATIO 5
N.K 6
6.N.K values are represented in the FLL1_SYNC_N, FLL1_SYNC_THETA, and FLL1_SYNC_LAMBDA fields.
FLL1_
SYNC_N
FLL1_
SYNC_
THETA
FLL1_
SYNC_
LAMBDA
FLL1_
SYNC_
GAIN
FLL1_
SYNC_
DFSAT
32.000 kHz
294.912
1
16
192
0x0C0
0x0000
0x0001
0x0
1
32.768 kHz
294.912
1
16
187.5
0x0BB
0x0001
0x0002
0x0
1
48 kHz
294.912
1
16
128
0x080
0x0000
0x0001
0x0
1
128 kHz
294.912
1
4
192
0x0C0
0x0000
0x0001
0x0
0
512 kHz
294.912
1
2
96
0x060
0x0000
0x0001
0x2
0
1.536 MHz
294.912
1
1
64
0x040
0x0000
0x0001
0x4
0
3.072 MHz
294.912
1
1
32
0x020
0x0000
0x0001
0x4
0
11.2896 MHz
294.912
1
1
8.7075
0x008
0x0068
0x0093
0x4
0
12.000 MHz
294.912
1
1
8.192
0x008
0x0018
0x007D
0x4
0
12.288 MHz
294.912
1
1
8
0x008
0x0000
0x0001
0x4
0
13.000 MHz
294.912
1
1
7.5618
0x007
0x0391
0x0659
0x4
0
19.200 MHz
294.912
2
1
10.24
0x00A
0x0006
0x0019
0x4
0
24 MHz
294.912
2
1
8.192
0x008
0x0018
0x007D
0x4
0
26 MHz
294.912
2
1
7.5618
0x007
0x0391
0x0659
0x4
0
27 MHz
294.912
2
1
7.2818
0x007
0x013D
0x0465
0x4
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com