Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 201 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 201 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 197Page - Cirrus Logic CS47L35 Datasheet HTML 198Page - Cirrus Logic CS47L35 Datasheet HTML 199Page - Cirrus Logic CS47L35 Datasheet HTML 200Page - Cirrus Logic CS47L35 Datasheet HTML 201Page - Cirrus Logic CS47L35 Datasheet HTML 202Page - Cirrus Logic CS47L35 Datasheet HTML 203Page - Cirrus Logic CS47L35 Datasheet HTML 204Page - Cirrus Logic CS47L35 Datasheet HTML 205Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 300 page
background image
DS1085F3
201
CS47L35
4.16 Clocking and Sample Rates
Table 4-96. FLL1 Register Map
Register Address
Bit
Label
Default
Description
R369 (0x0171)
FLL1_Control_1
1
FLL1_
FREERUN
1
FLL1 Free-Running Mode Enable
0 = Disabled
1 = Enabled
The FLL feedback mechanism is halted in Free-Running FLL Mode, and the latest
integrator setting is maintained
0
FLL1_ENA
0
FLL1 Enable
0 = Disabled
1 = Enabled
This should be set as the final step of the FLL1 enable sequence, i.e., after the other
FLL fields have been configured.
R370 (0x0172)
FLL1_Control_2
15
FLL1_CTRL_
UPD
0
FLL1 Control Update
Write 1 to apply the FLL1_N and FLL1_THETA field settings.
(Only valid if FLL1_ENA = 1)
9:0
FLL1_N[9:0]
0x008
FLL1 Integer multiply for FREF
(LSB = 1)
If updated while the FLL is enabled, the new value is only effective when a 1 is written
to FLL1_CTRL_UPD.
R371 (0x0173)
FLL1_Control_3
15:0 FLL1_
THETA[15:0]
0x0018 FLL1 Fractional multiply for FREF. Sets the numerator (multiply) part of the FLL1_
THETA / FLL1_LAMBDA ratio.
Coded as LSB = 1.
If updated while the FLL is enabled, the new value is only effective when a 1 is written
to FLL1_CTRL_UPD.
R372 (0x0174)
FLL1_Control_4
15:0 FLL1_
LAMBDA[15:0]
0x007D FLL1 Fractional multiply for FREF
This field sets the denominator (dividing) part of the FLL1_THETA / FLL1_LAMBDA
ratio.
Coded as LSB = 1.
R373 (0x0175)
FLL1_Control_5
11:8 FLL1_
FRATIO[3:0]
0x0
FLL1 FVCO clock divider
0x0 = 1
0x1 = 2
0x2 = 3
0x3 = 4
…
0xF = 16
R374 (0x0176)
FLL1_Control_6
7:6
FLL1_REFCLK_
DIV[1:0]
00
FLL1 Clock Reference Divider
00 = 1
01 = 2
10 = 4
11 = 8
MCLK (or other input reference) must be divided down to
13.5 MHz.
3:0
FLL1_REFCLK_
SRC[3:0]
0000
FLL1 Clock source
0000 = MCLK1
0001 = MCLK2
0011 = SLIMCLK
1000 = AIF1BCLK
1001 = AIF2BCLK
1010 = AIF3BCLK
1100 = AIF1LRCLK
1101 = AIF2LRCLK
1110 = AIF3LRCLK
All other codes are reserved
R375 (0x0177)
FLL1_Loop_
Filter_Test_1
15
FLL1_FRC_
INTEG_UPD
0
Write 1 to apply the FLL1_FRC_INTEG_VAL setting.
(Only valid if FLL1_FREERUN = 1)
11:0 FLL1_FRC_
INTEG_
VAL[11:0]
0x281
FLL1 Forced Integrator Value
R376 (0x0178)
FLL1_NCO_Test_
0
15
FLL1_INTEG_
VALID
0
FLL1 Integrator Valid. Indicates whether FLL1_INTEG is valid
0 = Not valid
1 = Valid
11:0 FLL1_
INTEG[11:0]
0x000
FLL1 Integrator Value (Read-only). Indicates the current FLL1 integrator setting. Only
valid if FLL1_INTEG_VALID = 1.
R377 (0x0179)
FLL1_Control_7
5:2
FLL1_GAIN[3:0]
0000
FLL1 Gain
0000 = 1
0001 = 2
0010 = 4
0011 = 8
0100 = 16
0101 = 32
0110 = 64
0111 = 128
1000–1111 = 256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com