Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 203 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 203 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 199Page - Cirrus Logic CS47L35 Datasheet HTML 200Page - Cirrus Logic CS47L35 Datasheet HTML 201Page - Cirrus Logic CS47L35 Datasheet HTML 202Page - Cirrus Logic CS47L35 Datasheet HTML 203Page - Cirrus Logic CS47L35 Datasheet HTML 204Page - Cirrus Logic CS47L35 Datasheet HTML 205Page - Cirrus Logic CS47L35 Datasheet HTML 206Page - Cirrus Logic CS47L35 Datasheet HTML 207Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 300 page
background image
DS1085F3
203
CS47L35
4.16 Clocking and Sample Rates
4.16.9.10FLL Interrupts and GPIO Output
The CS47L35 provides an FLL lock signal, which indicates whether FLL lock has been achieved (i.e., the FLL is locked to
the input reference signal).
The FLL lock signal is an input to the interrupt control circuit and can be used to trigger an interrupt event; see Section 4.15.
Note that the interrupt signal is debounced, and requires clocking to be present in order to assert the respective interrupt;
either the 32-kHz clock, or the SYSCLK signal, must be enabled to trigger an interrupt from the FLL lock signal.
The FLL lock signal can be output directly on a GPIO pin as an external indication of the FLL status. See Section 4.14 to
configure a GPIO pin for these functions. (This GPIO output is not debounced, and does not require clocking to be
present.)
Clock output signals derived from the FLL can be output on a GPIO pin. See Section 4.14 to configure a GPIO pin for this
function.
The FLL clocking configuration is shown in Fig. 4-65.
4.16.9.11Example FLL Calculation
The following example illustrates how to derive the FLL1 register fields to generate an oscillator frequency (FVCO) of
294.912 MHz from a 12.000-MHz reference clock (FREF). This is suitable for generating SYSCLK at 98.304 MHz and/or
DSPCLK at 147.456 MHz.
Note that, for the purposes of this calculation, it is assumed that the synchronizer is disabled.
1. Set FLL1_REFCLK_DIV to generate FREF  13.5 MHz:
FLL1_REFCLK_DIV = 00 (divide by 1)
2. Calculate N.K as given by N.K = FVCO / (FLL1_FRATIO × 3 × FREF). Assume FLL1_FRATIO = 0x0 (divide by 1).
N.K = 294912000 / (1 × 3× 12000000) = 8.192
3. Confirm that the calculated value of N is less than 1024.
4. Determine FLL1_N from the integer portion of N.K:
FLL1_N = 8 (0x008)
5. Determine GCD(FLL), as given by GCD(FLL) = GCD(FLL1_FRATIO × FREF, FVCO /3):
GCD(FLL) = GCD(1 × 12000000, 294912000 / 3) = 96000
6. Determine FLL1_THETA, as given by FLL1_THETA = (FVCO / 3 – (FLL1_N × FLL1_FRATIO × FREF)) / GCD(FLL):
FLL1_THETA = ((294912000 / 3) – (8 × 1 × 12000000)) / 96000
FLL1_THETA = 24 (0x0018)
7. Determine FLL1_LAMBDA, as given by FLL1_LAMBDA = (FLL1_FRATIO x FREF) / GCD(FLL):
FLL1_LAMBDA = (1 × 12000000) / 96000
FLL1_LAMBDA = 125 (0x007D)
8. Determine FLL1_GAIN, FLL1_PHASE_GAIN, FLL1_PHASE_ENA, and FLL1_CTRL_RATE as specified in
Section 4.16.9.4:
FLL1_GAIN = 0x5
FLL1_PHASE_GAIN = 0x2
FLL1_PHASE_ENA = 1
FLL1_CTRL_RATE = 0x1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com