Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 200 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 200 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 196Page - Cirrus Logic CS47L35 Datasheet HTML 197Page - Cirrus Logic CS47L35 Datasheet HTML 198Page - Cirrus Logic CS47L35 Datasheet HTML 199Page - Cirrus Logic CS47L35 Datasheet HTML 200Page - Cirrus Logic CS47L35 Datasheet HTML 201Page - Cirrus Logic CS47L35 Datasheet HTML 202Page - Cirrus Logic CS47L35 Datasheet HTML 203Page - Cirrus Logic CS47L35 Datasheet HTML 204Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 300 page
background image
200
DS1085F3
CS47L35
4.16 Clocking and Sample Rates
Note also that the values of FLL1_THETA and FLL1_LAMBDA must be coprime (i.e., not divisible by any common integer).
The value of K must be less than 1 (i.e., FLL1_THETA must be less than FLL1_LAMBDA).
If the synchronizer is enabled, the FLL1_SYNC_THETA and FLL1_SYNC_LAMBDA fields are calculated in the same
manner described above, using the corresponding synchronizer parameters.
In Fractional Mode, with the synchronizer enabled (K > 0, and FLL1_SYNC_ENA = 1), FLL1_THETA is calculated as
FLL1_THETA = K x 65536. The FLL1_LAMBDA field is ignored in this case, and the coprime requirement for FLL1_
LAMBDA and FLL1_THETA is not applicable.
4.16.9.7 Free-Running FLL Mode
The FLL can generate a clock signal even if no external reference is available. This may be because the normal input
reference has been interrupted, or may be during a standby or start-up period when no initial reference clock is available.
Free-Running FLL Mode is enabled by setting FLL1_FREERUN. Note that FLL1_ENA must also be enabled in
Free-Running FLL Mode.
In Free-Running FLL Mode, the normal feedback mechanism of the FLL is halted and the FLL oscillates independently of
the external input references.
If the FLL was previously operating normally (with an input reference clock), the FLL output frequency remains unchanged
when Free-Running FLL Mode is enabled. The FLL output is independent of the input reference while operating with
FLL1_FREERUN = 1.
The main FLL loop always runs freely if the input reference clock is stopped (regardless of the FLL1_FREERUN setting).
If FLL1_FREERUN = 0, the FLL relocks to the input reference whenever it is available.
In Free-Running FLL Mode, (with FLL1_FREERUN = 1), the FLL integrator value (part of the feedback mechanism) can
be commanded directly using FLL1_FRC_INTEG_VAL. The integrator value in this field is applied to the FLL when a 1 is
written to FLL1_FRC_INTEG_UPD.
If the FLL is started up in Free-Running FLL Mode, (i.e., it was not previously running), the default value of FLL1_FRC_
INTEG_VAL is applied.
The FLL integrator value (part of the feedback mechanism) can be read from the FLL1_INTEG field; the value of this field
may be stored for later use. Note that the value of FLL1_INTEG is only valid if FLL1_FREERUN = 1 and the FLL1_INTEG_
VALID = 1.
The FLL integrator setting does not ensure a specific output frequency for the FLL across all devices and operating
conditions; some level of variation applies.
The free-running FLL clock may be selected as the SYSCLK or DSPCLK source, as shown in Fig. 4-63.
4.16.9.8 Spread-Spectrum FLL Control
The CS47L35 can apply modulation to the FLL output, using spread-spectrum techniques. This can be used to control the
EMI characteristics of the circuits that are clocked via the FLL.
The FLL can be configured for triangle modulation, zero mean frequency modulation (ZMFM), or dither. The amplitude
and frequency parameters of the spread spectrum functions is also programmable, using the fields described in
Section 4.16.9.9.
4.16.9.9 FLL Control Registers
The FLL control registers are described in Table 4-96.
Example settings for a variety of reference frequencies and output frequencies are shown in Section 4.16.9.12.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com