Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 196 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 196 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 192Page - Cirrus Logic CS47L35 Datasheet HTML 193Page - Cirrus Logic CS47L35 Datasheet HTML 194Page - Cirrus Logic CS47L35 Datasheet HTML 195Page - Cirrus Logic CS47L35 Datasheet HTML 196Page - Cirrus Logic CS47L35 Datasheet HTML 197Page - Cirrus Logic CS47L35 Datasheet HTML 198Page - Cirrus Logic CS47L35 Datasheet HTML 199Page - Cirrus Logic CS47L35 Datasheet HTML 200Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 300 page
background image
196
DS1085F3
CS47L35
4.16 Clocking and Sample Rates
The main loop takes a constant and stable clock reference as its input. For best performance, a high-frequency (e.g.,
12.288 MHz) reference is recommended. The main FLL loop is free running without any clock reference if the input signal
is removed; it can also be configured to initiate an output in the absence of any reference signal.
The synchronizer loop takes a separate clock reference as its input. The synchronizer input may be intermittent (e.g.,
during voice calls only). The FLL uses the synchronizer input, when available, as the frequency reference. To achieve the
designed performance advantage, the synchronizer input must be synchronous with the audio data.
Note that, if only a single clock input reference is used, this must be configured as the main FLL input reference. The
synchronizer should be disabled in this case.
The synchronizer loop should only be used when the main loop clock reference is present. If the input reference to the
main FLL is intermittent, or may be interrupted unexpectedly, the synchronizer should be disabled.
4.16.9.2 FLL Enable
The FLL is enabled by setting FLL1_ENA. The FLL synchronizer is enabled by setting FLL1_SYNC_ENA. The FLL should
be fully configured before setting the FLL1_ENA bit—this should be set as the final step of the FLL-enable sequence.
The FLL1_SYNC_ENA bit should not be changed if FLL1_ENA is set—the FLL1_ENA bit should be cleared before setting
or clearing FLL1_SYNC_ENA.
The FLL supports configurable free-running operation, using the FLL1_FREERUN bit described in Section 4.16.9.7. Note
that, once the FLL output has been established, the FLL is always free running if the input reference clock is stopped,
regardless of the FLL1_FREERUN bit.
To disable the FLL while the input reference clock has stopped, FLL1_FREERUN must be set before clearing the FLL1_
ENA bit.
When changing any of the FLL-configuration fields, it is recommended to disable the FLL by clearing the FLL1_ENA bit
before updating the other register fields; the FLL1_ENA bit should remain cleared until after the FLL has been
reconfigured. If the FLL configuration is changed while the FLL is enabled, the FLL1_FREERUN bit should be set before
updating any other FLL fields. A minimum delay of 32
s should be allowed between setting FLL1_FREERUN and writing
to the required FLL register fields. The FLL1_FREERUN bit should remain set until after the FLL has been reconfigured.
Note that, if the FLL1_N or FLL1_THETA fields are changed while the FLL is enabled, the FLL1_CTRL_UPD bit must also
be written, as described in Section 4.16.9.4. As a general rule, however, it is recommended to configure the FLL (and FLL
synchronizer, if applicable), before setting the FLL1_ENA bit.
The FLL configuration is shown in Fig. 4-65.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com