Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 194 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 194 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 190Page - Cirrus Logic CS47L35 Datasheet HTML 191Page - Cirrus Logic CS47L35 Datasheet HTML 192Page - Cirrus Logic CS47L35 Datasheet HTML 193Page - Cirrus Logic CS47L35 Datasheet HTML 194Page - Cirrus Logic CS47L35 Datasheet HTML 195Page - Cirrus Logic CS47L35 Datasheet HTML 196Page - Cirrus Logic CS47L35 Datasheet HTML 197Page - Cirrus Logic CS47L35 Datasheet HTML 198Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 300 page
background image
194
DS1085F3
CS47L35
4.16 Clocking and Sample Rates
In AIF Slave Modes, it is important to ensure that SYSCLK is synchronized with the associated external LRCLK. This can
be achieved by selecting an MCLK input that is derived from the same reference as the LRCLK, or can be achieved by
selecting the external BCLK or LRCLK signal as a reference input to the FLL, as a source for SYSCLK.
If the AIF clock domain is not synchronized with the LRCLK, clicks arising from dropped or repeated audio samples occur,
due to the inherent tolerances of multiple, asynchronous, system clocks. See Section 5.4 for further details on valid
clocking configurations.
4.16.7 BCLK and LRCLK Control
The digital audio interfaces (AIF1–AIF3) use BCLK and LRCLK signals for synchronization. In Master Mode, these are
output signals, generated by the CS47L35. In Slave Mode, these are input signals to the CS47L35. It is also possible to
support mixed master/slave operation.
The BCLK and LRCLK signals are controlled as shown in Fig. 4-64. See Section 4.7 for details of the associated control
fields.
Note that the BCLK and LRCLK signals are synchronized to SYSCLK. See Section 4.3.13 for further details.
R338 (0x0152)
Rate_Estimator_1
4
TRIG_ON_
STARTUP
0
Automatic Sample-Rate Detection Start-Up select
0 = Do not trigger Write Sequencer on initial detection
1 = Always trigger the Write Sequencer on sample-rate detection
3:1
LRCLK_SRC[2:0]
000
Automatic Sample-Rate Detection source
000 = AIF1LRCLK
010 = AIF2LRCLK
100 = AIF3LRCLK
All other codes are reserved
0
RATE_EST_ENA
0
Automatic Sample-Rate Detection control
0 = Disabled
1 = Enabled
R339 (0x0153)
Rate_Estimator_2
4:0
SAMPLE_RATE_
DETECT_A[4:0]
0x00
Automatic Detection Sample Rate A
(Up to four different sample rates can be configured for automatic detection.)
Field coding is same as SAMPLE_RATE_n.
R340 (0x0154)
Rate_Estimator_3
4:0
SAMPLE_RATE_
DETECT_B[4:0]
0x00
Automatic Detection Sample Rate B
(Up to four different sample rates can be configured for automatic detection.)
Field coding is same as SAMPLE_RATE_n.
R341 (0x0155)
Rate_Estimator_4
4:0
SAMPLE_RATE_
DETECT_C[4:0]
0x00
Automatic Detection Sample Rate C
(Up to four different sample rates can be configured for automatic detection.)
Field coding is same as SAMPLE_RATE_n.
R342 (0x0156)
Rate_Estimator_5
4:0
SAMPLE_RATE_
DETECT_D[4:0]
0x00
Automatic Detection Sample Rate D
(Up to four different sample rates can be configured for automatic detection.)
Field coding is same as SAMPLE_RATE_n.
Table 4-93. Clocking Control (Cont.)
Register Address
Bit
Label
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com